Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25L10PUO-UF Datasheet(PDF) 8 Page - AMIC Technology

Part # A25L10PUO-UF
Description  2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L10PUO-UF Datasheet(HTML) 8 Page - AMIC Technology

Back Button A25L10PUO-UF Datasheet HTML 4Page - AMIC Technology A25L10PUO-UF Datasheet HTML 5Page - AMIC Technology A25L10PUO-UF Datasheet HTML 6Page - AMIC Technology A25L10PUO-UF Datasheet HTML 7Page - AMIC Technology A25L10PUO-UF Datasheet HTML 8Page - AMIC Technology A25L10PUO-UF Datasheet HTML 9Page - AMIC Technology A25L10PUO-UF Datasheet HTML 10Page - AMIC Technology A25L10PUO-UF Datasheet HTML 11Page - AMIC Technology A25L10PUO-UF Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
A25L20P/A25L10P/A25L05P Series
(August, 2007, Version 1.0)
7
AMIC Technology Corp.
Hold Condition
The Hold (
HOLD ) signal is used to pause any serial
communications with the device without resetting the clocking
sequence. However, taking this signal Low does not
terminate any Write Status Register, Program or Erase cycle
that is currently in progress.
To enter the Hold condition, the device must be selected, with
Chip Select (
S ) Low.
The Hold condition starts on the falling edge of the Hold
(
HOLD ) signal, provided that this coincides with Serial Clock
(C) being Low (as shown in Figure 3.).
The Hold condition ends on the rising edge of the Hold
(
HOLD ) signal, provided that this coincides with Serial Clock
(C) being Low.
If the falling edge does not coincide with Serial Clock (C)
being Low, the Hold condition starts after Serial Clock (C)
next goes Low. Similarly, if the rising edge does not coincide
with Serial Clock (C) being Low, the Hold condition ends after
Serial Clock (C) next goes Low. This is shown in Figure 3.
During the Hold condition, the Serial Data Output (DO) is high
impedance, and Serial Data Input (DIO) and Serial Clock (C)
are Don’t Care.
Normally, the device is kept selected, with Chip Select (
S )
driven Low, for the whole duration of the Hold condition. This
is to ensure that the state of the internal logic remains
unchanged from the moment of entering the Hold condition.
If Chip Select (
S ) goes High while the device is in the Hold
condition, this has the effect of resetting the internal logic of
the device. To restart communication with the device, it is
necessary to drive Hold (
HOLD ) High, and then to drive
Chip Select (
S ) Low. This prevents the device from going
back to the Hold condition.
Figure 3. Hold Condition Activation
Hold
Condition
(standard use)
HOLD
C
Hold
Condition
(non-standard use)


Similar Part No. - A25L10PUO-UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L16P AMICC-A25L16P Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16PMF-50 AMICC-A25L16PMF-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMF-50F AMICC-A25L16PMF-50F Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMF-50U AMICC-A25L16PMF-50U Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMF-50UF AMICC-A25L16PMF-50UF Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results

Similar Description - A25L10PUO-UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L512 AMICC-A25L512_15 Datasheet
559Kb / 43P
   2Mbit / 1Mbit /512Kbit Low Voltage, Serial Flash Memory
A25L020 AMICC-A25L020_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
A25L010 AMICC-A25L010_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
A25L40P AMICC-A25L40P Datasheet
473Kb / 38P
   4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25P512 AMICC-A25P512 Datasheet
673Kb / 47P
   512Kbit Low Voltage, Serial Flash Memory
A25P020 AMICC-A25P020 Datasheet
650Kb / 45P
   2Mbit Low Voltage, Serial Flash Memory
A25L512A AMICC-A25L512A Datasheet
661Kb / 46P
   512Kbit Low Voltage, Serial Flash Memory
A25LS512A AMICC-A25LS512A Datasheet
630Kb / 43P
   512Kbit Low Voltage, Serial Flash Memory
A25P010 AMICC-A25P010 Datasheet
638Kb / 44P
   1Mbit Low Voltage, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com