Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3C1011-35TC Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P3C1011-35TC
Description  HIGH SPEED 128K x 16 (2 MEG) STATIC CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1011-35TC Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P3C1011-35TC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1011-35TC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1011-35TC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1011-35TC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1011-35TC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1011-35TC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1011-35TC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1011-35TC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1011-35TC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Document # SRAM131 REV OR
Revised March 2006
P3C1011
HIGH SPEED 128K x 16 (2 MEG)
STATIC CMOS RAM
High Speed (Equal Access and Cycle Times)
— 10/12/15/20 ns (Commercial)
— 12/15/20 ns (Industrial)
— 20/25/35 (Military)
Low Power
— 360 mW (max.)
Single 3.3V ± 0.3V Power Supply
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
1519B
FEATURES
DESCRIPTION
The P3C1011 is a 131,072 words by 16 bits high-speed
CMOS static RAM. The CMOS memory requires no
clocks or refreshing, and has equal access and cycle
times. Inputs are fully TTL-compatible. The RAM oper-
ates from a single 3.3V ± 0.3V tolerance power
supply.
Access times as fast as 10 nanoseconds permit greatly
enhanced system operating speeds. CMOS is utilized
to reduce power consumption to a low level. The P3C1011
is a member of a family of PACE RAM™ products offer-
ing fast access times.
The P3C1011 device provides asynchronous operation
with matching access and cycle times. Memory loca-
tions are specified on address pins A
0 to A17. Reading is
accomplished by device selection (
CE and output en-
abling (
OE) while write enable (WE) remains HIGH. By
presenting the address under these conditions, the data
in the addressed memory location is presented on the
data input/output pins. The input/output pins stay in the
HIGH Z state when either
CE or OE is HIGH or WE is
LOW.
For both reading and writing, the Byte Enable control lines
(
BLE for I/O
0-7 and BHE for I/O8-15) allow for the selection
of only 8 of the 16 I/O lines if desired. When a Byte
Enable control line is HIGH, the corresponding I/Os are
active.
Package options for the P3C1011 include 44-pin SOJ and
TSOP packages.
2.0V Data Retention
Easy Memory Expansion Using
CE
CE
CE
CE
CE and OE
OE
OE
OE
OE
Inputs
Fully TTL Compatible Inputs and Outputs
Advanced CMOS Technology
Fast t
OE
Automatic Power Down when deselected
Packages
—44-Pin SOJ, TSOP II
SOJ
TSOPII


Similar Part No. - P3C1011-35TC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
P3C1021-10JC PYRAMID-P3C1021-10JC Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
P3C1021-10JI PYRAMID-P3C1021-10JI Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
P3C1021-10TC PYRAMID-P3C1021-10TC Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
P3C1021-10TI PYRAMID-P3C1021-10TI Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results

Similar Description - P3C1011-35TC

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C12816 ISSI-IS61C12816 Datasheet
102Kb / 8P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1041 PYRAMID-P3C1041 Datasheet
291Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Force Technologies Ltd
FTC41041 FORCE-FTC41041 Datasheet
1Mb / 11P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com