Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25L10PUQ-UF Datasheet(PDF) 3 Page - AMIC Technology

Part # A25L10PUQ-UF
Description  2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L10PUQ-UF Datasheet(HTML) 3 Page - AMIC Technology

  A25L10PUQ-UF Datasheet HTML 1Page - AMIC Technology A25L10PUQ-UF Datasheet HTML 2Page - AMIC Technology A25L10PUQ-UF Datasheet HTML 3Page - AMIC Technology A25L10PUQ-UF Datasheet HTML 4Page - AMIC Technology A25L10PUQ-UF Datasheet HTML 5Page - AMIC Technology A25L10PUQ-UF Datasheet HTML 6Page - AMIC Technology A25L10PUQ-UF Datasheet HTML 7Page - AMIC Technology A25L10PUQ-UF Datasheet HTML 8Page - AMIC Technology A25L10PUQ-UF Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
A25L20P/A25L10P/A25L05P Series
(August, 2007, Version 1.0)
2
AMIC Technology Corp.
Block Diagram
Control Logic
High Voltage
Generator
I/O Shift Register
Address register
and Counter
256 Byte
Data Buffer
Status
Register
X Decoder
256 Byte (Page Size)
Size of the
read-only
memory area
DIO
DO
C
000FFh
00000h
HOLD
W
S
3FFFh (2M),
1FFFh (1M),
FFFh (512K)
Pin Descriptions
Pin No.
Description
C
Serial Clock
DIO
Serial Data Input
1
DO
Serial Data Output
2
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
Notes:
1. The DIO is also used as an output pin when the Fast
Read Dual Output instruction and the Fast Read Dual
Input-Output instruction are executed.
2. The DO is also used as an input pin when the Fast
Read Dual Input-Output instruction is executed.
Logic Symbol
A25L20P/
A25L10P/
A25L05P
DO
DIO
S
W
HOLD
V
SS
V
CC
C


Similar Part No. - A25L10PUQ-UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L16P AMICC-A25L16P Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16PMF-50 AMICC-A25L16PMF-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMF-50F AMICC-A25L16PMF-50F Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMF-50U AMICC-A25L16PMF-50U Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMF-50UF AMICC-A25L16PMF-50UF Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results

Similar Description - A25L10PUQ-UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L512 AMICC-A25L512_15 Datasheet
559Kb / 43P
   2Mbit / 1Mbit /512Kbit Low Voltage, Serial Flash Memory
A25L020 AMICC-A25L020_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
A25L010 AMICC-A25L010_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
A25L40P AMICC-A25L40P Datasheet
473Kb / 38P
   4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25P512 AMICC-A25P512 Datasheet
673Kb / 47P
   512Kbit Low Voltage, Serial Flash Memory
A25P020 AMICC-A25P020 Datasheet
650Kb / 45P
   2Mbit Low Voltage, Serial Flash Memory
A25L512A AMICC-A25L512A Datasheet
661Kb / 46P
   512Kbit Low Voltage, Serial Flash Memory
A25LS512A AMICC-A25LS512A Datasheet
630Kb / 43P
   512Kbit Low Voltage, Serial Flash Memory
A25P010 AMICC-A25P010 Datasheet
638Kb / 44P
   1Mbit Low Voltage, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com