Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT0006 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XT0006
Description  ADSL Transformer For Analog Devices
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XT0006 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XT0006 Datasheet HTML 1Page - List of Unclassifed Manufacturers XT0006 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADSL Transformer For Analog Devices
PREMO S.A.
Conchita Supervia, 13 • 08028 BARCELONA (SPAIN)
Tel. 34 93 339 81 00 • Fax 34 93 330 75 02
URL: http://www.premo.es
BAT004 (07/2000) Rev. A
e-mail: sales@premo.es
e-mail: tech@premo.es
] For use with Analog Devices AD20MSP930
] Designed to meet IR 235°C peak requirement
] Excellent THD performance
] Small EP13 Package in SMD and THT Type
SPECIFICATIONS
Part
Number
Application
Turn Ratio
(2%)
(1-4):(10-7)
OCL
(1-4), 2-3 shorted
Leakage Inductance
@ 100 KHz, 0.1 V
Longitudinal Balance
(from 10 KHz to 1.1 KHz)
XT0005
XT5005
ISDN-CO
1:1
100µH(±7%)
@ 100KHz, 1V
4 µH MAX
-46 dB MIN
XT5006
XT5006
ISDN-CPE
1:1.2
120µH(±10%)
@ 100KHz, 1V
4 µH MAX
-46 dB MIN
XT0007
XT5007
ISDN-CO
1:1.1
2mH(±10%)
@ 20KHz, 1V
8.5 µH MAX
-46 dB MIN
XT0008
XT5008
ISDN-CPE
1:1.1
1.2mH(±10%)
@ 20KHz, 1V
10 µH MAX
-46 dB MIN
SPECIFICATIONS CONTINUE
Part
Number
THD
DCR
(1-4), 2-3 shorted
Isolation Voltage
(Vrms)
Insertion Loss
(@ 300 KHz)
Package
XT0005
SMD
XT5005
-80 dB MIN
@ 100 KHz, 4Vac
1
Ω MAX
1500
0.5 dB MAX
THT
XT0006
SMD
XT5006
-80 dB MIN
@ 100 KHz, 4Vac
0.61
Ω MAX
1500
0.5 dB MAX
THT
XT0007
SMD
XT5007
-80 dB MIN
@ 20 KHz, 4Vac
1.7
Ω MAX
1500
0.5 dB MAX
THT
XT0008
SMD
XT5008
-80 dB MIN
@ 20 KHz, 4Vac
1.25
Ω MAX
1500
0.5 dB MAX
THT


Similar Part No. - XT0006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XT0001 ETC2-XT0001 Datasheet
205Kb / 2P
   ADSL Transformer For Alcatel
XT0004 ETC2-XT0004 Datasheet
207Kb / 2P
   ADSL Transformer For Analog Devices
XT0009 ETC2-XT0009 Datasheet
205Kb / 2P
   ADSL Transformer For Centillium
More results

Similar Description - XT0006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XT0004 ETC2-XT0004 Datasheet
207Kb / 2P
   ADSL Transformer For Analog Devices
logo
Bel Fuse Inc.
S560-6600-00 BEL-S560-6600-00 Datasheet
30Kb / 2P
   ADSL MAGNETICS For Analog Devices
S560-6600-30 BEL-S560-6600-30 Datasheet
60Kb / 2P
   ADSL Magnetics For Analog Devices AD20MSP910
S560-6600-F3 BEL-S560-6600-F3 Datasheet
61Kb / 2P
   ADSL Magnetics For Analog Devices AD20MSP930
logo
Nuvotem Talema
AEP100-T TALEMA-AEP100-T Datasheet
47Kb / 1P
   ADSL Transformers for Analog Devices Chipsets
logo
Bel Fuse Inc.
S560-6600-K2 BEL-S560-6600-K2 Datasheet
63Kb / 2P
   ADSL Magnetics Analog Devices
S560-6600-DM BEL-S560-6600-DM Datasheet
63Kb / 2P
   ADSL Magnetics Analog Devices
0560-6600-DK BEL-0560-6600-DK Datasheet
49Kb / 2P
   ADSL Magnetics Analog Devices
S560-6600-B3 BEL-S560-6600-B3 Datasheet
57Kb / 2P
   ADSL Magnetics For Analog Devices AD20MSP918 (Custom)
logo
Pulse A Technitrol Comp...
B2136 PULSE-B2136 Datasheet
111Kb / 1P
   ADSL LINE TRANSFORMERS For Analog Devices AD20msp930 Chipset
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com