Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD43 Datasheet(PDF) 2 Page - ECM Electronics Limited.

Part # CD43
Description  Surface Mount Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

CD43 Datasheet(HTML) 2 Page - ECM Electronics Limited.

  CD43 Datasheet HTML 1Page - ECM Electronics Limited. CD43 Datasheet HTML 2Page - ECM Electronics Limited. CD43 Datasheet HTML 3Page - ECM Electronics Limited. CD43 Datasheet HTML 4Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECM Surface Mount Power Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 2
ECM
Part
L
(
µµH)
Tol
%
RDC
MAX
(
Ω)
IDC
IN
(A)
CD43 Series
CD43-1R0
1.0 @7.96 MHz
M
48.70m
2.56
CD43-1R4
1.5 @7.96 MHz
M
56.20m
2.52
CD43-1R8
1.8 @7.96 MHz
M
63.70m
1.95
CD43-2R2
2.2 @7.96 MHz
M
71.20m
1.75
CD43-2R7
2.7 @7.96 MHz
M
78.70m
1.58
CD43-3R3
3.3 @7.96 MHz
M
86.20m
1.44
CD43-3R9
3.9 @7.96 MHz
M
93.70m
1.33
CD43-4R7
4.7 @7.96 MHz
M
108.70m
1.15
CD43-5R6
5.6 @7.96 MHz
M
125.70m
0.99
CD43-6R8
6.8 @7.96 MHz
M
131.20m
0.95
CD43-8R2
8.2 @7.96 MHz
M
146.20m
0.84
CD43-100
10 @2.52 MHz
M
0.182
1.04
CD43-120
12 @2.52 MHz
M
0.210
0.97
CD43-150
15 @2.52 MHz
M
0.235
0.85
CD43-220
22 @2.52 MHz
M
0.378
0.68
CD43-270
27 @2.52 MHz
M
0.522
0.62
CD43-330
33 @2.52 MHz
K
0.540
0.56
CD43-390
39 @2.52 MHz
K
0.587
0.52
CD43-470
47 @2.52 MHz
K
0.844
0.44
CD43-560
56 @2.52 MHz
K
0.937
0.42
CD43-680
68 @2.52 MHz
K
1.117
0.37
CD54 Series
CD54-100
10 @2.52 MHz
M
0.10
1.44
CD54-120
12 @2.52 MHz
M
0.12
1.40
CD54-150
15 @2.52 MHz
M
0.14
1.30
CD54-180
18 @2.52 MHz
M
0.15
1.23
CD54-220
22 @2.52 MHz
M
0.18
1.11
CD54-270
27 @2.52 MHz
M
0.20
0.97
CD54-330
33 @2.52 MHz
M
0.23
0.88
CD54-390
39 @2.52 MHz
M
0.32
0.80
CD54-470
47 @2.52 MHz
M
0.37
0.72
CD54-560
56 @2.52 MHz
K
0.42
0.68
CD54-680
68 @2.52 MHz
K
0.46
0.61
CD54-820
82 @2.52 MHz
K
0.60
0.58
CD54-101
100 @1.0 kHz
K
0.70
0.52
CD54-121
120 @1.0 kHz
K
0.93
0.48
CD54-151
150 @1.0 kHz
K
1.10
0.40
CD54-181
180 @1.0 kHz
K
1.38
0.38
CD54-221
220 @1.0 kHz
K
1.57
0.36
TOLERANCE; K=10%, M=20%.


Similar Part No. - CD43

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD43 SUMIDA-CD43 Datasheet
185Kb / 6P
   CD43
logo
AIT Components Ltd.
CD43 AITCOMPONENTS-CD43 Datasheet
31Kb / 1P
   CD43 SMD POWER INDUCTOR
logo
Linear Technology
CD43-100 LINER-CD43-100 Datasheet
142Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
AIT Components Ltd.
CD43-100 AITCOMPONENTS-CD43-100 Datasheet
31Kb / 1P
   CD43 SMD POWER INDUCTOR
CD43-120 AITCOMPONENTS-CD43-120 Datasheet
31Kb / 1P
   CD43 SMD POWER INDUCTOR
More results

Similar Description - CD43

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
   Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com