Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LO570Z Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # LO570Z
Description  GREEN OVAL LAMP LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LO570Z Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button LO570Z Datasheet HTML 4Page - Seoul Semiconductor LO570Z Datasheet HTML 5Page - Seoul Semiconductor LO570Z Datasheet HTML 6Page - Seoul Semiconductor LO570Z Datasheet HTML 7Page - Seoul Semiconductor LO570Z Datasheet HTML 8Page - Seoul Semiconductor LO570Z Datasheet HTML 9Page - Seoul Semiconductor LO570Z Datasheet HTML 10Page - Seoul Semiconductor LO570Z Datasheet HTML 11Page - Seoul Semiconductor LO570Z Datasheet HTML 12Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
<080924> Rev. 0.2
Document No. : SSC-QP-7-07-24 (Rev.00)
10. Precaution for Use
1) Storage
• Before opening the package
Avoid the absorption of moisture, we recommended to store Lamp LEDs in a dry
box(or desiccators) with a desiccant . Otherwise, store them in the following environment:
Temperature : 5℃~30℃ Humidity : 50% max.
• After opening the package
a. Soldering should be done right after opening the package(within 24Hrs).
b. Keeping of a fraction
- Sealing
- Temperature : 5 ~ 40℃, Humidity : less than 30%
c. If the package has been opened more than 1week or the color of desiccant changes,
Components should be dried for 10-12hr at 60±5℃
• Any mechanical force or any excess vibration shall not be accepted to apply during cooling
process to normal temp. after soldering.
• Avoid quick cooling
• Leadframes are silver plated SPCC. The silver plate surface may be affected by
environments which contains corrosive substances. Please avoid conditions which may cause
the LEDs to corrode, tarnish or discolor.
2) Lead Forming
• When the lead forming is required before soldering , care must be taken to avoid any bending
and mechanical stress. The stress to the base may damage the LEDs.
• When mounting the LEDs onto a PCB, the holes on the circuit board should be exactly
aligned with the leads of the LEDs.
• It is recommended that tooling made to precisely form and cut the leads to length rather than
rely on hand operating.


Similar Part No. - LO570Z

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LO571 SEOUL-LO571 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LO571 SEOUL-LO571 Datasheet
360Kb / 13P
   CYAN LAMP LED
LO571 SEOUL-LO571 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LO571 SEOUL-LO571 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LO571 SEOUL-LO571 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LO570Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLKGGT6 TTELEC-OVLKGGT6 Datasheet
772Kb / 4P
   Oval Green LED Lamp
OVLJGGD8 TTELEC-OVLJGGD8 Datasheet
653Kb / 4P
   Oval Green LED Lamp (4mm)
logo
OPTEK Technologies
OVLJGGD8 OPTEK-OVLJGGD8 Datasheet
652Kb / 4P
   Oval Green LED Lamp (4mm)
OVLKGGT6 OPTEK-OVLKGGT6 Datasheet
770Kb / 4P
   Oval Green LED Lamp (3mm)
logo
TT Electronics.
OVLHGKD8 TTELEC-OVLHGKD8 Datasheet
667Kb / 4P
   Oval Green LED Lamp (5mm)
logo
Marktech Corporate
MT5470A-LWT MARKTECH-MT5470A-LWT_15 Datasheet
247Kb / 6P
   OVAL LED LAMP
logo
Bright View Electronic ...
BVU-559QT9 BVLED-BVU-559QT9 Datasheet
252Kb / 3P
   OVAL LED LAMP
BVU-439BA9 BVLED-BVU-439BA9 Datasheet
327Kb / 5P
   OVAL LED LAMP
BVU-439TT9 BVLED-BVU-439TT9 Datasheet
254Kb / 3P
   OVAL LED LAMP
BVU-529GN8 BVLED-BVU-529GN8 Datasheet
327Kb / 5P
   OVAL LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com