Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA2062TS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UAA2062TS
Description  Analog cordless telephone IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA2062TS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UAA2062TS Datasheet HTML 3Page - NXP Semiconductors UAA2062TS Datasheet HTML 4Page - NXP Semiconductors UAA2062TS Datasheet HTML 5Page - NXP Semiconductors UAA2062TS Datasheet HTML 6Page - NXP Semiconductors UAA2062TS Datasheet HTML 7Page - NXP Semiconductors UAA2062TS Datasheet HTML 8Page - NXP Semiconductors UAA2062TS Datasheet HTML 9Page - NXP Semiconductors UAA2062TS Datasheet HTML 10Page - NXP Semiconductors UAA2062TS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
2000 Aug 10
7
Philips Semiconductors
Product specification
Analog cordless telephone IC
UAA2062
Table 2
Current consumption in the 4 operating modes (VCC = 3.6 V; Tamb =25 °C); see Table 5 for programming of
the power saving operation modes
The FM receiver part
FM RECEIVER
The FM receiver has the programmability to operate for all country channels, including the 25 U.S. channels, without the
need for external switching circuitry (see Fig.3).
The gain and input impedance of the LNA are programmable. The LNA also includes a programmable capacitance to
avoid external manual fine tuning.
POWER OPERATING MODE
TYPICAL CURRENT
CONSUMPTION (mA)
MAXIMUM CURRENT
CONSUMPTION (mA)
active mode
27
36
RX mode
11
15
standby mode
0.35
0.5
inactive mode
0.05
0.1
handbook, full pagewidth
FCA121
DUAL PLL
FREQUENCY
SYNTHESIZER
RX VCO
LPF
47
RXPD
43
RXLF
45
LO1O
44
LO1I
CRYSTAL
OSCILLATOR
RSSI
LOOP
FILTER
VCO
crystal
(1)
24
LO2I
23
LO2O
35
RSSI
×
×
×
amplifier
IF limiter
LNA
1st mixer
2nd mixer
40
BPFI
RF
39
MX1O
37
MX2O
34
LIMI
32
PLLO
31
DETO
36
MX2I
42
RFI
2nd IF filter(1)
1st IF filter(1)
Vref
carrier
detect output
Fig.3 FM receiver schematic diagram.
(1) Values depend on the country application (see definition in Chapter “Channel frequencies”).


Similar Part No. - UAA2062TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2067 PHILIPS-UAA2067 Datasheet
148Kb / 24P
   Image reject 1800 MHz transceiver for DECT applications
1996 Oct 22
UAA2067G PHILIPS-UAA2067G Datasheet
148Kb / 24P
   Image reject 1800 MHz transceiver for DECT applications
1996 Oct 22
UAA2068 PHILIPS-UAA2068 Datasheet
132Kb / 20P
   Transmit chain and synthesizer with integrated VCO for DECT
1998 Nov 19
UAA2068AHL PHILIPS-UAA2068AHL Datasheet
121Kb / 20P
   Transmit chain and synthesizer with integrated VCO for DECT
1999 Jun 04
UAA2068G PHILIPS-UAA2068G Datasheet
132Kb / 20P
   Transmit chain and synthesizer with integrated VCO for DECT
1998 Nov 19
More results

Similar Description - UAA2062TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3515A PHILIPS-UAA3515A Datasheet
180Kb / 44P
   900 MHz analog cordless telephone IC
2001 Dec 12
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
Toshiba Semiconductor
TA31136FG TOSHIBA-TA31136FG Datasheet
668Kb / 17P
   FM DETECTOR IC FOR CORDLESS TELEPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com