Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG615 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # SG615
Description  SURFACE MOUNT OSCILLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

SG615 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  SG615 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM Surface Mount Oscillator
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
Epson SG615 Series
Environmental & Mechanical
Mechanical
Shock
EIAJ ED-4701 A-124
Thermal
Shock
EIAJ ED-4701-b-131
Vibration
EIAJ ED-4701 A-121
Soldering
Condition
260
0C for 10 Seconds max
230
0C within 3 Minutes
Pin
1
2
3
4
Function
Tristate
GND / Case
O/P
VDD
A
B
C
D
E
F
14.00
8.65
4.31
9.80
7.62
5.08
G
H
J
K
L
0.51
3.00
5.80
1.30
3.80
Dimensions in mm
Parameter
SG615P
SG615PTJ
SG615PH
Frequency Range
1.025MHz
to26.0MHz
26.0001
to 66.6667MHz
Frequency Stability
B type +/-50ppm
C type +/-100ppm
Supply Voltage
5.0V +/-10%
Supply Current
23mA max
35mA max
Load
(CMOS)
(TTL)
50pF max
10TTL max
_
5TTL max
50pF max
_
Duty Cycle (CMOS)
(TTL)
40 / 60
45 / 55
-
45 / 55
40 / 60
-
Ouput Rise (CMOS)
Times
(TTL)
8nS max
8nS max
-
5nS max
7nS max
-
Output Fall (CMOS)
Times
(TTL)
8nS max
8nS max
-
2nS max
7nS max
-
Output Enable Voh
Disable Voltage Vol
2.0V min
0.8V min
3.5V min
1.5V max
2.0V min
0.8V max
Start-up Time
4mS max
10mS max
Aging
+/-5ppm / year max
Operating Temp
-10
0C to +700C
-40
0C to +850C available
§ SMD Oscillator with Heat Resisting Crystal
§ Output Enable
§ Low Current Consumption
§ Superior Shock Resistance
§ High Density Mounting SMD Oscillator
Part Numbering :
SG615P
6.0M B
A
Type
Frequency
Tolerance
B = 50ppm C = 100ppm
Temperature Range
Blank = Standard
A= -40
0C to +850C


Similar Part No. - SG615

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG615 ETC1-SG615 Datasheet
67Kb / 1P
   ECM Surface Mount Oscillator
SG615P-12MHZ ETC2-SG615P-12MHZ Datasheet
240Kb / 3P
   CRYSTAL OSCILLATOR
SG615P6.0MA ETC1-SG615P6.0MA Datasheet
67Kb / 1P
   ECM Surface Mount Oscillator
SG615P6.0MBA ETC1-SG615P6.0MBA Datasheet
67Kb / 1P
   ECM Surface Mount Oscillator
SG615P6.0MCA ETC1-SG615P6.0MCA Datasheet
67Kb / 1P
   ECM Surface Mount Oscillator
More results

Similar Description - SG615

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOSM-573 VISHAY-XOSM-573_11 Datasheet
80Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
XOSM-57 VISHAY-XOSM-57_11 Datasheet
74Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
XOSM-533 VISHAY-XOSM-533_11 Datasheet
73Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
XOSM-532 VISHAY-XOSM-532 Datasheet
136Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
logo
ECM Electronics Limited...
VFAC3 ECM-VFAC3 Datasheet
121Kb / 1P
   Surface Mount Oscillator
ECXO5 ECM-ECXO5 Datasheet
71Kb / 1P
   Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-573 VISHAY-XOSM-573_07 Datasheet
91Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
logo
ILSI America LLC
I531 ILSI-I531 Datasheet
45Kb / 1P
   Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-533 VISHAY-XOSM-533_V01 Datasheet
79Kb / 3P
   Surface Mount Oscillator
01-Jan-2022
XOSM-57 VISHAY-XOSM-57 Datasheet
117Kb / 1P
   Surface Mount Oscillator
Revision: 07-Jun-04
logo
ECM Electronics Limited...
ECXO91 ECM-ECXO91 Datasheet
70Kb / 1P
   Surface Mount Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com