Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS1012-224 Datasheet(PDF) 2 Page - ECM Electronics Limited.

Part # FS1012-224
Description  Shielded Radial Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

FS1012-224 Datasheet(HTML) 2 Page - ECM Electronics Limited.

  FS1012-224 Datasheet HTML 1Page - ECM Electronics Limited. FS1012-224 Datasheet HTML 2Page - ECM Electronics Limited. FS1012-224 Datasheet HTML 3Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ECM Shielded Radial Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(mH)
Tol
%
Q Min.
(**MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
FS1012 Series
FS1012-122
1.2 @0.252 MHz
J,K
50
1.20
200
FS1012-152
1.5 @0.252 MHz
J,K
50
1.50
200
FS1012-152
1.8 @0.252 MHz
J,K
50
1.60
200
FS1012-222
2.2 @0.252 MHz
J,K
50
1.80
200
FS1012-272
2.7 @0.252 MHz
J,K
40
1.90
200
FS1012-332
3.3 @0.252 MHz
J,K
40
2.30
200
FS1012-392
3.9 @0.252 MHz
J,K
40
2.50
200
FS1012-472
4.7 @0.252 MHz
J,K
40
3.70
140
FS1012-502
5.0 @0.252 MHz
J,K
40
3.80
140
FS1012-562
5.6 @0.252 MHz
J,K
40
4.00
140
FS1012-682
6.8 @0.252 MHz
J,K
40
4.20
140
FS1012-822
8.2 @0.252 MHz
J,K
100
5.30
140
FS1012-103
10 @0.079 MHz
J,K
100
7.30
100
FS1012-123
12 @0.079 MHz
J,K
100
8.30
100
FS1012-153
15 @0.079 MHz
J,K
100
11.00
90
FS1012-183
18 @0.079 MHz
J,K
100
13.60
75
FS1012-223
22 @0.079 MHz
J,K
100
15.40
75
FS1012-273
27 @0.079 MHz
J,K
100
17.90
75
FS1012-333
33 @0.079 MHz
J,K
100
23.30
60
FS1012-393
39 @0.079 MHz
J,K
100
25.90
60
FS1012-473
47 @0.079 MHz
J,K
80
30.40
60
FS1012-503
50 @0.079 MHz
J,K
80
37.80
50
FS1012-563
56 @0.079 MHz
J,K
80
39.10
50
FS1012-683
68 @0.079 MHz
J,K
80
40.00
50
FS1012-823
82 @0.079 MHz
J,K
50
47.00
40
FS1012-104
100 @0.025 MHz
J,K
50
50.00
40
FS1012-124
120 @0.025 MHz
J,K
120
91.00
30
FS1012-154
150 @0.025 MHz
J,K
100
140.00
20
FS1012-184
180 @0.025 MHz
J,K
90
164.00
20
FS1012-224
220 @0.025 MHz
J,K
90
182.00
20
FS1012-274
270 @0.025 MHz
J,K
90
200.00
20
FS1012-334
330 @0.025 MHz
J,K
80
275.00
15
FS1012-394
390 @0.025 MHz
J,K
80
300.00
15
FS1012-474
470 @0.025 MHz
J,K
80
345.00
15
FS1012-564
560 @0.025 MHz
J,K
60
520.00
8.4
FS1012-684
680 @0.025 MHz
J,K
60
590.00
8.4
FS1012-824
820 @0.025 MHz
J,K
50
675.00
8.4
FS1012-105
1000 @0.025 MHz
J,K
50
770.00
8.4
FS1012-125
1200 @0.025 MHz
J,K
50
845.00
8.4
TOLERANCES J=5%; K= 10%.
** = Test Frequency as specified in ‘L’ column


Similar Part No. - FS1012-224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS1012-222K ETC1-FS1012-222K Datasheet
122Kb / 2P
   FERRITE SHIELDED INDUCTORS
FS1012-223K ETC1-FS1012-223K Datasheet
122Kb / 2P
   FERRITE SHIELDED INDUCTORS
More results

Similar Description - FS1012-224

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FSR1013 BOURNS-FSR1013 Datasheet
132Kb / 1P
   Radial Shielded Inductors
FSR1013-102KL-09 BOURNS-FSR1013-102KL-09 Datasheet
81Kb / 1P
   Radial Shielded Inductors
logo
Datatronic Distribution...
DR366-3-332 DATATRONICS-DR366-3-332 Datasheet
111Kb / 2P
   Radial Leaded Shielded Inductors
DR366-2-222 DATATRONICS-DR366-2-222 Datasheet
110Kb / 2P
   Radial Leaded Shielded Inductors
logo
Allied Components Inter...
ARS875 ALLIED-ARS875 Datasheet
1Mb / 1P
   Radial Shielded Bobbin Inductors
logo
Datatronic Distribution...
DR366-1-102 DATATRONICS-DR366-1-102 Datasheet
111Kb / 2P
   Radial Leaded Shielded Inductors
logo
RCD COMPONENTS INC.
RS1014-102-KBW RCD-RS1014-102-KBW Datasheet
27Kb / 1P
   SHIELDED RADIAL LEAD INDUCTORS
logo
Abracon Corporation
AISR-875 ABRACON-AISR-875 Datasheet
149Kb / 1P
   THRU-HOLE RADIAL SHIELDED INDUCTORS
11.15.06
AISR-01 ABRACON-AISR-01 Datasheet
81Kb / 1P
   THRU-HOLE RADIAL SHIELDED INDUCTORS
1.1.07
logo
Murata Power Solutions ...
1200RS MURATA-PS-1200RS Datasheet
132Kb / 3P
   Through Hole Radial Lead Shielded Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com