Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG1005S4N3HT Datasheet(PDF) 5 Page - TDK Electronics

Part # MLG1005S4N3HT
Description  SMD Inductors(Coils) For High Frequency(Multilayer)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG1005S4N3HT Datasheet(HTML) 5 Page - TDK Electronics

  MLG1005S4N3HT Datasheet HTML 1Page - TDK Electronics MLG1005S4N3HT Datasheet HTML 2Page - TDK Electronics MLG1005S4N3HT Datasheet HTML 3Page - TDK Electronics MLG1005S4N3HT Datasheet HTML 4Page - TDK Electronics MLG1005S4N3HT Datasheet HTML 5Page - TDK Electronics MLG1005S4N3HT Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(5/6)
006-01 / 20070703 / e521_mlg1005.fm
• All specifications are subject to change without notice.
MLG Series MLG1005M Type (For Wireless LAN & Bluetooh)
FEATURES
• Nominal inductance values are supported from 0.6 to 5.6nH.
• Provides high Q characteristics.
• Advanced monolithic structure is formed using a multilayering
and sintering process with ceramic and conductive materials for
high-frequency.
• The products contain no lead and also support lead-free
soldering.
• It is a product conforming to RoHS directive.
APPLICATIONS
The most suitable in high frequency circuit of 2.4GHz and 5GHz
wireless LAN & Bluetooh.
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERN
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions
(3) Material code
(4) Inductance value
(5) Inductance tolerance
(6) Packaging style
SPECIFICATIONS
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components.
The preheating temperature should be set so that the
temperature difference between the solder temperature and
product temperature does not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• When hand soldering, apply the soldering iron to the printed
circuit board only. Temperature of the iron tip should not exceed
300°C. Soldering time should not exceed 3 seconds.
1.0±0.05
0.25±0.1
Weight: 1mg
Dimensions in mm
0.4 to 0.5 0.4 to 0.5 0.4 to 0.5
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
1005
1.0
× 0.5mm(L× W)
2N2
2.2nH
5N6
5.6nH
B
±0.1nH
T
Taping (reel)
Operating temperature range
–55 to +125°C
Storage temperature range
–55 to +125°C [Unit of products]
Packaging style
Quantity
Taping
15000 pieces/reel
MLG 1005 M 2N2
B
T
(1)
(2)
(3)
(4)
(5) (6)


Similar Part No. - MLG1005S4N3HT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005S4N3CT000 TDK-MLG1005S4N3CT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S4N3CT000 TDK-MLG1005S4N3CT000 Datasheet
128Kb / 3P
   Inductors (Coils)
MLG1005S4N3CT000 TDK-MLG1005S4N3CT000_17 Datasheet
128Kb / 3P
   Inductors (Coils)
MLG1005S4N3CTD25 TDK-MLG1005S4N3CTD25 Datasheet
232Kb / 3P
   Inductors (Coils)
MLG1005S4N3ST000 TDK-MLG1005S4N3ST000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
More results

Similar Description - MLG1005S4N3HT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S TDK-MLG0603S Datasheet
65Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B5N6D TDK-MLG1608B5N6D Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0603Q TDK-MLG0603Q Datasheet
75Kb / 6P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0402S TDK-MLG0402S Datasheet
36Kb / 2P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B8N2D TDK-MLG1608B8N2D Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B4N7S TDK-MLG1608B4N7S Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLK1005S2N2ST TDK-MLK1005S2N2ST Datasheet
58Kb / 3P
   SMD Inductors For High Frequency
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16082N2S-T TAIYO-YUDEN-HK16082N2S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com