Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87951I-147 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS87951I-147
Description  LOW SKEW, 1-TO-9 DIFFERENTIAL-TOLVCMOS ZERO DELAY BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87951I-147 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS87951I-147 Datasheet HTML 3Page - Integrated Device Technology ICS87951I-147 Datasheet HTML 4Page - Integrated Device Technology ICS87951I-147 Datasheet HTML 5Page - Integrated Device Technology ICS87951I-147 Datasheet HTML 6Page - Integrated Device Technology ICS87951I-147 Datasheet HTML 7Page - Integrated Device Technology ICS87951I-147 Datasheet HTML 8Page - Integrated Device Technology ICS87951I-147 Datasheet HTML 9Page - Integrated Device Technology ICS87951I-147 Datasheet HTML 10Page - Integrated Device Technology ICS87951I-147 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
IDT/ ICSDIFFERENTIAL-TO-LVCMOS ZERO DELAY BUFFER
7
ICS87951I-147 REV A JUNE 21, 2006
ICS87951I-147
LOW SKEW, 1-TO-9, DIFFERENTIAL-TO-LVCMOS ZERO DELAY BUFFER
TABLE 6B. AC CHARACTERISTICS, V
DDA = VDDO = 2.5V±5%, T
A
= 0°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
A
Q
÷20
0
2z
H
M
x
Q
÷40
2
1z
H
M
D
Q
,
C
Q
,
B
Q
÷80
6z
H
M
f
O
C
V
e
g
n
a
R
k
c
o
L
O
C
V
L
L
P
0
5
20
0
5z
H
M
)
Ø
(
t
;
t
e
s
f
f
O
e
s
a
h
P
c
i
t
a
t
S
3
,
1
E
T
O
N
0
K
L
C0
8
1
-0
2
2s
p
,
1
K
L
C
1
K
L
C
n
0
0
5
-5
6
1
-s
p
t
)
o
(
k
s3
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
1
3s
p
t
)
c
c
(
t
ij
;
S
M
R
,
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
3
E
T
O
N
O
C
V
F
,
z
H
M
0
0
4
y
c
n
e
u
q
e
r
f
e
m
a
s
@
s
t
u
p
t
u
O
ll
A
9s
p
t
K
C
O
L
3
E
T
O
N
;
e
m
i
T
k
c
o
L
L
L
P
0
1S
m
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
0
7s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
6
44
5%
t
L
Z
P
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
6s
n
t
Z
L
P
t
,
Z
H
P
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
7s
n
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
Af
X
A
M
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
,
l
a
n
g
i
s
t
u
p
n
i
k
c
a
b
d
e
e
f
d
e
g
a
r
e
v
a
e
h
t
d
n
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
n
e
e
w
t
e
b
e
c
n
e
r
e
f
f
i
d
e
m
i
t
e
h
t
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
.
e
l
b
a
t
s
s
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
d
n
a
d
e
k
c
o
l
s
i
L
L
P
e
h
t
n
e
h
w
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
O
D
D
.
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
3
E
T
O
N


Similar Part No. - ICS87951I-147

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87951I IDT-ICS87951I Datasheet
191Kb / 14P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY BUFFER
More results

Similar Description - ICS87951I-147

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS86953I-147 RENESAS-ICS86953I-147 Datasheet
171Kb / 14P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
2010
logo
Integrated Device Techn...
ICS87951I IDT-ICS87951I Datasheet
191Kb / 14P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY BUFFER
ICS8624I IDT-ICS8624I Datasheet
182Kb / 16P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS8624 ICST-ICS8624 Datasheet
288Kb / 16P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
   ZERO DELAY, LOW SKEW BUFFER
072710
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
logo
Renesas Technology Corp
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com