Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCH-A Datasheet(PDF) 2 Page - ECM Electronics Limited.

Part # TCH-A
Description  Flat Mains Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

TCH-A Datasheet(HTML) 2 Page - ECM Electronics Limited.

  TCH-A Datasheet HTML 1Page - ECM Electronics Limited. TCH-A Datasheet HTML 2Page - ECM Electronics Limited. TCH-A Datasheet HTML 3Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ECM Flat Mains Transformer
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
VA
Primary
2 X 110V
Between Pins-
Secondary
Output
2 X
Secondary
Connection
Between Pins-
Weight
(kgs)
TCH-A 2-6
2
1-3 / 6-8
6V - 0.166A
9-10 / 15-16
0.15
TCH-A 2-9
2
1-3 / 6-8
9V - 0.111A
9-10 / 15-16
0.15
TCH-A 2-12
2
1-3 / 6-8
12V - 0.083A
9-10 / 15-16
0.15
TCH-A 2-15
2
1-3 / 6-8
15V - 0.066A
9-10 / 15-16
0.15
TCH-A 2-18
2
1-3 / 6-8
18V - 0.055A
9-10 / 15-16
0.15
TCH-A 2-24
2
1-3 / 6-8
24V - 0.041A
9-10 / 15-16
0.15
TCH-A 4-6
4
1-3 / 6-8
6V - 0.333A
9-10 / 15-16
0.15
TCH-A 4-9
4
1-3 / 6-8
9V - 0.222A
9-10 / 15-16
0.15
TCH-A 4-12
4
1-3 / 6-8
12V - 0.166A
9-10 / 15-16
0.15
TCH-A 4-15
4
1-3 / 6-8
15V - 0.133A
9-10 / 15-16
0.15
TCH-A 4-18
4
1-3 / 6-8
18V - 0.111A
9-10 / 15-16
0.15
TCH-A 4-24
4
1-3 / 6-8
24V - 0.083A
9-10 / 15-16
0.15
TCH-B 6-6
6
1-3 / 6-8
6V - 0.500A
9-10 / 15-16
0.15
TCH-B 6-9
6
1-3 / 6-8
9V - 0.333A
9-10 / 15-16
0.15
TCH-B 6-12
6
1-3 / 6-8
12V - 0.250A
9-10 / 15-16
0.15
TCH-B 6-15
6
1-3 / 6-8
15V - 0.200A
9-10 / 15-16
0.15
TCH-B 6-18
6
1-3 / 6-8
18V - 0.166A
9-10 / 15-16
0.15
TCH-B 6-24
6
1-3 / 6-8
24V - 0.125A
9-10 / 15-16
0.15
TCH-C 7-6
7
2-4 / 7-9
6V - 0.583A
11-12 / 19-20
0.28
TCH-C 7-9
7
2-4 / 7-9
9V - 0.388A
11-12 / 19-20
0.28
TCH-C 7-12
7
2-4 / 7-9
12V - 0.291A
11-12 / 19-20
0.28
TCH-C 7-15
7
2-4 / 7-9
15V - 0.233A
11-12 / 19-20
0.28
TCH-C 7-18
7
2-4 / 7-9
18V - 0.194A
11-12 / 19-20
0.28
TCH-C 7-24
7
2-4 / 7-9
24V - 0.145A
11-12 / 19-20
0.28
TCH-C 10-6
10
2-4 / 7-9
6V - 0.833A
11-12 / 19-20
0.28
TCH-C 10-9
10
2-4 / 7-9
9V - 0.555A
11-12 / 19-20
0.28
TCH-C 10-12
10
2-4 / 7-9
12V - 0.416A
11-12 / 19-20
0.28
TCH-C 10-15
10
2-4 / 7-9
15V - 0.333A
11-12 / 19-20
0.28
TCH-C 10-18
10
2-4 / 7-9
18V - 0.277A
11-12 / 19-20
0.28
TCH-C 10-24
10
2-4 / 7-9
24V - 0.208A
11-12 / 19-20
0.28
TCH-D 14-6
14
2-4 / 7-9
6V - 1.166A
11-12 / 19-20
0.41
TCH-D 14-9
14
2-4 / 7-9
9V - 0.777A
11-12 / 19-20
0.41
TCH-D 14-12
14
2-4 / 7-9
12V - 0.583A
11-12 / 19-20
0.41
TCH-D 14-15
14
2-4 / 7-9
15V - 0.466A
11-12 / 19-20
0.41
TCH-D 14-18
14
2-4 / 7-9
18V - 0.388A
11-12 / 19-20
0.41
TCH-D 14-24
14
2-4 / 7-9
24V - 0.291A
11-12 / 19-20
0.41
TNC-F 15-6
15
2-4 / 7-9
6V - 1.250A
11-12 / 19-20
0.32
TNC-F 15-9
15
2-4 / 7-9
9V - 0.833A
11-12 / 19-20
0.32
TNC-F 15-12
15
2-4 / 7-9
12V - 0.625A
11-12 / 19-20
0.32
TNC-F 15-15
15
2-4 / 7-9
15V - 0.500A
11-12 / 19-20
0.32
TNC-F 15-18
15
2-4 / 7-9
18V - 0.416A
11-12 / 19-20
0.32
TNC-F 15-24
15
2-4 / 7-9
24V - 0.312A
11-12 / 19-20
0.32


Similar Part No. - TCH-A

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
TCH-10-12 PREMO-TCH-10-12 Datasheet
295Kb / 4P
   50/60 Hz Low Profile UL Approved Transformers 2W-14W
TCH-10-15 PREMO-TCH-10-15 Datasheet
295Kb / 4P
   50/60 Hz Low Profile UL Approved Transformers 2W-14W
TCH-10-18 PREMO-TCH-10-18 Datasheet
295Kb / 4P
   50/60 Hz Low Profile UL Approved Transformers 2W-14W
TCH-10-24 PREMO-TCH-10-24 Datasheet
295Kb / 4P
   50/60 Hz Low Profile UL Approved Transformers 2W-14W
TCH-10-6 PREMO-TCH-10-6 Datasheet
295Kb / 4P
   50/60 Hz Low Profile UL Approved Transformers 2W-14W
More results

Similar Description - TCH-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF2010-6 ETC2-SF2010-6 Datasheet
85Kb / 2P
   MAINS INPUT FILTERS
logo
ITT Industries
NE18 ITT-NE18 Datasheet
999Kb / 9P
   Mains / Power Switches
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
   Mains / Power Switches
22 Dec 21
logo
PIC GmbH
MS-216-5 PIC-MS-216-5 Datasheet
22Kb / 1P
   Mains switching Reed Sensor
logo
TRIAD MAGNETICS
FP12-3800 TRIAD-FP12-3800 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP16-1500 TRIAD-FP16-1500 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP20-300 TRIAD-FP20-300_13 Datasheet
96Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP24-100 TRIAD-FP24-100_13 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP10-600 TRIAD-FP10-600_13 Datasheet
96Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP24-2000 TRIAD-FP24-2000 Datasheet
97Kb / 1P
   Power Transformer PC Mount: Flat Pack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com