Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA2077TS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UAA2077TS
Description  2 GHz image rejecting front-end
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA2077TS Datasheet(HTML) 4 Page - NXP Semiconductors

  UAA2077TS Datasheet HTML 1Page - NXP Semiconductors UAA2077TS Datasheet HTML 2Page - NXP Semiconductors UAA2077TS Datasheet HTML 3Page - NXP Semiconductors UAA2077TS Datasheet HTML 4Page - NXP Semiconductors UAA2077TS Datasheet HTML 5Page - NXP Semiconductors UAA2077TS Datasheet HTML 6Page - NXP Semiconductors UAA2077TS Datasheet HTML 7Page - NXP Semiconductors UAA2077TS Datasheet HTML 8Page - NXP Semiconductors UAA2077TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2000 Apr 17
4
Philips Semiconductors
Preliminary specification
2 GHz image rejecting front-end
UAA2077TS
FUNCTIONAL DESCRIPTION
Receive section
The circuit contains a low-noise amplifier followed by two
high dynamic range mixers (see Fig.3). The mixers are of
the Gilbert cell type, the architecture of which is fully
differential.
The LO signal is phase shifted into 45
° and 135° signals,
mixed with the RF input signal to provide the
I and Q channel signals. The I and Q channel signals are
buffered, phase shifted by 45
° and 135° respectively,
amplified and internally combined, thus obtaining image
rejection.
Balanced signal interfaces are used for minimizing
crosstalk from package parasitics.
The IF output is of a differential open collector type.
A typical application consists of pull-up resistors of 680
at each IF output and a differential load resistance of 1 k
for the IF filter, due to its impedance or its matching
network.
The power gain refers to the resulting power into the 1 k
load. The path for the DC current from VCC into the open
collector outputs should be realized by the inductors.
The output signal is limited to VCC +3VBE.
Fast switching between power-down and the RX mode is
controlled by the mode control pin RXON.
handbook, full pagewidth
FCA013
135
°
16
IF
COMBINER
1
6
LNAGND
2, 5, 8
n.c.
10
RXON
4
RFINB
3
RFINA
LNA
×
45
°
×
15
VCCLNA
IFA
IFB
UAA2077TS
to LO section
9
GND
Fig.3 Receive section.


Similar Part No. - UAA2077TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2077 PHILIPS-UAA2077 Datasheet
140Kb / 16P
   2 GHz image rejecting front-end
1995 Dec 13
UAA2077AM PHILIPS-UAA2077AM Datasheet
126Kb / 16P
   Image rejecting front-end for DECT applications
1996 Jul 04
UAA2077BM PHILIPS-UAA2077BM Datasheet
140Kb / 16P
   2 GHz image rejecting front-end
1995 Dec 13
UAA2077CM PHILIPS-UAA2077CM Datasheet
129Kb / 20P
   2 GHz image rejecting front-end
1997 Sep 24
More results

Similar Description - UAA2077TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2077CM PHILIPS-UAA2077CM Datasheet
129Kb / 20P
   2 GHz image rejecting front-end
1997 Sep 24
UAA2077BM PHILIPS-UAA2077BM Datasheet
140Kb / 16P
   2 GHz image rejecting front-end
1995 Dec 13
UAA2077AM PHILIPS-UAA2077AM Datasheet
126Kb / 16P
   Image rejecting front-end for DECT applications
1996 Jul 04
UAA2073AM PHILIPS-UAA2073AM Datasheet
157Kb / 20P
   Image rejecting front-end for GSM applications
1997 Jan 27
UAA2073M PHILIPS-UAA2073M Datasheet
105Kb / 16P
   Image rejecting front-end for GSM applications
1995 Dec 07
UAA3522HL PHILIPS-UAA3522HL Datasheet
148Kb / 28P
   Low power dual-band GSM transceiver with an image rejecting front-end
2000 Feb 18
logo
Skyworks Solutions Inc.
SKY85331-11 SKYWORKS-SKY85331-11 Datasheet
169Kb / 2P
   2 GHz WLAN Front-End Module
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
CC2595 TI-CC2595 Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com