Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNC56T-470 Datasheet(PDF) 2 Page - ECM Electronics Limited.

Part # LNC56T-470
Description  SMD Ferrite Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

LNC56T-470 Datasheet(HTML) 2 Page - ECM Electronics Limited.

  LNC56T-470 Datasheet HTML 1Page - ECM Electronics Limited. LNC56T-470 Datasheet HTML 2Page - ECM Electronics Limited. LNC56T-470 Datasheet HTML 3Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ECM SMD Ferrite Chip Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µH)
Tol
%
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(A)
LNC30T Series (1206)
LNC30T-R12
0.12 @25.2 MHz
M
250
0.112
970
LNC30T-R22
0.22 @25.2 MHz
M
250
0.140
850
LNC30T-R47
0.47 @25.2 MHz
M
180
0.210
700
LNC30T-1R0
1.0 @7.96 MHz
M
100
0.364
510
LNC30T-2R2
2.2 @7.96 MHz
M
50
0.533
430
LNC30T-4R7
4.7 @7.96 MHz
M,K
31
0.845
340
LNC30T-100
10 @2.52 MHz
K,J
20
1.69
230
LNC30T-220
22 @2.52 MHz
K,J
14
3.90
160
LNC30T-470
47 @2.52 MHz
K,J
10
10.40
100
LNC30T-101
100 @0.796 MHz
K,J
7
15.60
80
LNC32T Series (1210)
LNC32T-1R0
1.0 @7.96 MHz
M
100
0.078
1000
LNC32T-2R2
2.2 @7.96 MHz
M
64
0.126
790
LNC32T-4R7
4.7 @7.96 MHz
M
43
0.195
450
LNC32T-100
10 @2.52 MHz
M
26
0.572
300
LNC32T-220
22 @2.52 MHz
M,K
19
0.923
250
LNC32T-470
47 @2.52 MHz
M,K
15
1.69
170
LNC32T-101
100 @0.796 MHz
K,J
10
4.55
100
LNC32T-221
220 @0.796 MHz
K,J
6.8
10.92
70
LNC32T-331
330 @0.796 MHz
K,J
5.6
13.00
60
LNC32T-391
390 @0.796 MHz
K,J
5.0
22.10
60
LNC32T-471
470 @0.796 MHz
K,J
5.0
24.70
60
LNC32T-561
560 @0.796 MHz
K,J
5.0
28.60
60
LNC45T Series (1812)
LNC45T-1R0
1.0 @7.96 MHz
M
100
0.08
1080
LNC45T-1R5
1.5 @7.96 MHz
M
85
0.09
1000
LNC45T-2R2
2.2 @7.96 MHz
M
60
0.11
900
LNC45T-3R3
3.3 @7.96 MHz
M
47
0.13
800
LNC45T-4R7
4.7 @7.96 MHz
M,K
35
0.15
750
LNC45T-6R8
6.8 @7.96 MHz
M,K
30
0.20
720
LNC45T-100
10 @2.52 MHz
K,J
23
0.24
650
LNC45T-150
15 @2.52 MHz
K,J
20
0.32
570
LNC45T-220
22 @2.52 MHz
K,J
15
0.60
420
LNC45T-330
33 @2.52 MHz
K,J
12
1.00
310
LNC45T-470
47 @2.52 MHz
K,J
10
1.10
280
LNC45T-680
68 @2.52 MHz
K,J
8.4
1.70
220
TOLERANCE; J=5%, K=10%, M=20%.


Similar Part No. - LNC56T-470

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
LNC ECM-LNC Datasheet
134Kb / 3P
   Low 1.8mm Height Option
logo
Panasonic Semiconductor
LNC701PS PANASONIC-LNC701PS Datasheet
41Kb / 2P
   GaAlAs Semiconductor Laser
LNC702PS PANASONIC-LNC702PS Datasheet
40Kb / 2P
   GaAlAs Semiconductor Laser
LNC703PS PANASONIC-LNC703PS Datasheet
41Kb / 2P
   Semiconductor Laser for LBPLaser Beam Printers
LNC704PS PANASONIC-LNC704PS Datasheet
29Kb / 2P
   GaAlAs Semiconductor Laser
More results

Similar Description - LNC56T-470

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
LNQ32T ECM-LNQ32T Datasheet
135Kb / 4P
   SMD Ferrite Chip Inductors
logo
Frontier Electronics.
FL201209 FRONTIER-FL201209_15 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
FL160808 FRONTIER-FL160808_15 Datasheet
119Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201212 FRONTIER-FL201212_15 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F Datasheet
79Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com