Electronic Components Datasheet Search |
|
4BL1907-10RFI Datasheet(PDF) 1 Page - Welwyn Components Limited |
|
4BL1907-10RFI Datasheet(HTML) 1 Page - Welwyn Components Limited |
1 / 7 page Tubular Vitreous Enamelled Wirewound Resistors 1600/1900 Series • Impervious lead free vitreous enamel coating • Can be supplied with fixed, adjustable, tapped or low inductance winding • Seven termination styles with choice of mounting arrangements • Manufactured RoHS compliant Pb-free terminations* * Check status of stock when ordering General Note Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn’s own data, relates to current manufacture and is considered accurate at time of going to print. © Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com 121 1601 1905 1600 1602 1906 1603 1604 Power rating at 70°C watts 11 16 16.5 17 22 25 35 Resistance range ohms See Table 1 Limiting element voltage volts See Table 1 TCR (-55 to +200°C) ppm/°C Typically: <+75 Maximum + 200 Resistance tolerance % 1, 2, 5, 10 See table 1 for value restrictions Values E24 preferred Thermal impedance °C/watt See fig. 1 Operating temperature range °C -55 to +375 1605 1908 1607 1606 1608 1609 Power rating at 70°C watts 47 54 76 91 115 165 Resistance range ohms See Table 1 Limiting element voltage volts See Table 1 TCR (-55 to +200°C) ppm/°C Typically: <+75 Maximum + 150 Resistance tolerance % 1, 2, 5, 10 See table 1 for value restrictions Values E24 preferred Thermal impedance °C/watt See fig. 1 Operating temperature range °C-55 to +375 Electrical Data Issue E · 10.05 A subsidiary of TT electronics plc Welwyn Components Note See Figure 1 for curves of temperature rise / watts dissipation. General Information Vitreous enamelled wirewound resistors are capable of withstanding a higher dissipation size for size, than any other protected type; this is attributable to the higher operating temperature which the wire and enamel can withstand. Vitreous enamel provides exceptionally good protection to the wire element and is essentially impervious to moisture. The resistors can safely be used in harsh environmental conditions. The Welwyn range is based on thirteen sizes of tube, each of which has a recommended maximum dissipation which limits operating surface temperature to a maximum of 375°C. The stability and high reliability of Welwyn tubular vitreous resistors is a direct result of the best quality materials being used in their construction. High purity ceramic tubes have been matched with nickel chromium resistance wires and specially formulated enamel to ensure that the resistors can withstand repeated heat cycling without damage. Connections between the resistance element and end terminations are welded; other connections are brazed. Mounting devices are available which permit resistors to be mounted by both ends or by one end. Single ended mounting is recommended for applications which do not subject the resistor to shock or vibration. Ferrules and the F type mounting plug are anchored into the tubes with high temperature adhesive. Special requirements, for types or styles not described in this brochure, will be considered for economic quantities. |
Similar Description - 4BL1907-10RFI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |