Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4BL1907-10RFI Datasheet(PDF) 4 Page - Welwyn Components Limited

Part # 4BL1907-10RFI
Description  Tubular Vitreous Enamelled Wirewound Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

4BL1907-10RFI Datasheet(HTML) 4 Page - Welwyn Components Limited

  4BL1907-10RFI Datasheet HTML 1Page - Welwyn Components Limited 4BL1907-10RFI Datasheet HTML 2Page - Welwyn Components Limited 4BL1907-10RFI Datasheet HTML 3Page - Welwyn Components Limited 4BL1907-10RFI Datasheet HTML 4Page - Welwyn Components Limited 4BL1907-10RFI Datasheet HTML 5Page - Welwyn Components Limited 4BL1907-10RFI Datasheet HTML 6Page - Welwyn Components Limited 4BL1907-10RFI Datasheet HTML 7Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
124
Issue E · 10.05
Welwyn Components
Table 3
Adjustable Resistors (see Figure 9)
Adjustable resistors use the same basic construction as fixed
resistors already described, and have a window in the vitreous
enamel through which contact is made to the resistive
element by a sliding contact band. The band is fitted with a
clamping screw and nut to retain it firmly in position.
The adjustable winding style has a maximum permissible hot
spot temperature of 300°C and the maximum dissipation, for
an ambient temperature of 20°C, is specified in Table 4. The
partial open winding necessitates a reduced maximum
resistance, when compared with fixed resistors, and the
resistance range is also defined in Table 4.
More than one adjusting band can be fitted, up to the
maximum number specified in Table 3.
Adjustable resistors are available in termination styles B, 4B,
AP, C, CB and CP, in sizes 1602 to 1609 inclusive and 1906
and 1908 denoted by prefix ‘V’.
Manufactured Values
E24 preferred
Standard Selection Tolerance ±10%
All other details of the electrical and environmental
performance of adjustable resistors are the same as for
fixed resistors.
Max. dissipation in
Resistance range (ohms)
20°C ambient (watts)
Type
Min. for
Min. for
Max. for
200°C
300°C
styles VC,
all other
all styles
hot spot
hot spot
VCP
styles
1602
8
15.5
4
3
1.6k
1906
9.5
19
4
3
2.5k
1603
11
22
6
6
3.0k
1604
16
31
8
8
5.3k
1605
21
41
6
6
4.5k
1908
24
47
11
10
7.5k
1607
34
66
11
9
8.1k
1606
41
80
14
13
13.2k
1608
52
101
17
16
15.4k
1609
74
145
25
24
25.5k
Tube
A mm
B mm
Hole C
Max. no of
size
max.
max.
dia. mm
adjusting
bands
1602
1603
20
27
3.2
1
1906
1604
1605
20
27
3.2
3
1908
25
32
3.7
2
1606
25
32
3.7
4
1607
30
38
3.7
2
1608
30
38
3.7
3
1609
30
38
3.7
5
Table 4


Similar Description - 4BL1907-10RFI

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
1600 TTELEC-1600_17 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
V700 WELWYN-V700 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com