Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV1G125 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74CBTLV1G125
Description  Single bus switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV1G125 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74CBTLV1G125 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 9Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 10Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 11Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 12Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
74CBTLV1G125
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 2 February 2007
9 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
11. Dynamic characteristics
[1]
All typical values are measured at Tamb =25 °C and at nominal VCC.
[2]
The propagation delay is the calculated RC time constant of the maximum on-state resistance of the switch and the load capacitance,
when driven by an ideal voltage source (zero output impedance).
[3]
tpd is the same as tPLH and tPHL.
[4]
ten is the same as tPZH and tPZL.
[5]
tdis is the same as tPHZ and tPLZ.
12. Waveforms
Table 9.
Dynamic characteristics
GND = 0 V; see Figure 13
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A to B or B to A;
see Figure 11; RL = ∞
[2][3]
VCC = 2.3 V to 2.7 V
-
-
0.21
-
0.32
ns
VCC = 3.0 V to 3.6 V
-
0.16
0.25
-
0.39
ns
ten
enable time
OE to A or B; see Figure 12;
RL = 500 Ω
[4]
VCC = 2.3 V to 2.7 V
1.0
2.50
4.00
1.0
5.00
ns
VCC = 3.0 V to 3.6 V
1.0
2.05
4.00
1.0
5.00
ns
tdis
disable time
OE to A or B; see Figure 12;
RL = 500 Ω
[5]
VCC = 2.3 V to 2.7 V
1.0
2.80
5.00
1.0
6.30
ns
VCC = 3.0 V to 3.6 V
1.0
3.40
4.10
1.0
5.40
ns
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 11. The data input (A or B) to output (B or A) propagation delays
001aad719
A or B
input
B or A
output
VM
VI
GND
VOH
VOL
VM
tPLH
tPHL
VM
VM
Table 10.
Measurement points
Supply voltage
Output
Inputs
VCC
VM
VM
VI
tr = tf
2.3 V to 3.6 V
0.5
× V
CC
0.5
× V
CC
VCC
≤ 2.0 ns


Similar Part No. - 74CBTLV1G125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV1G125 NXP-74CBTLV1G125 Datasheet
149Kb / 18P
   Single bus switch
Rev. 01-23 February 2007
logo
Texas Instruments
74CBTLV1G125CRE4 TI-74CBTLV1G125CRE4 Datasheet
224Kb / 8P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
74CBTLV1G125CRE4 TI-74CBTLV1G125CRE4 Datasheet
349Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
74CBTLV1G125CRE4 TI-74CBTLV1G125CRE4 Datasheet
367Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
74CBTLV1G125CRG4 TI-74CBTLV1G125CRG4 Datasheet
224Kb / 8P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
More results

Similar Description - 74CBTLV1G125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 NXP-74CBTLV1G125 Datasheet
149Kb / 18P
   Single bus switch
Rev. 01-23 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
   Single bus switch
Rev. 4-5 September 2012
logo
Toshiba Semiconductor
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
   Single Bus Switch
TC7SB384FU TOSHIBA-TC7SB384FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
   Single Bus Switch
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com