Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA3202 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UAA3202
Description  Frequency Shift Keying FSK receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA3202 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UAA3202 Datasheet HTML 5Page - NXP Semiconductors UAA3202 Datasheet HTML 6Page - NXP Semiconductors UAA3202 Datasheet HTML 7Page - NXP Semiconductors UAA3202 Datasheet HTML 8Page - NXP Semiconductors UAA3202 Datasheet HTML 9Page - NXP Semiconductors UAA3202 Datasheet HTML 10Page - NXP Semiconductors UAA3202 Datasheet HTML 11Page - NXP Semiconductors UAA3202 Datasheet HTML 12Page - NXP Semiconductors UAA3202 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1997 Aug 12
9
Philips Semiconductors
Preliminary specification
Frequency Shift Keying (FSK) receiver
UAA3202M
Fig.3 RSSI output voltage as a function of RF input power.
(1) Tamb =85 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, full pagewidth
2.7
2.8
MHA811
Vo(RSSI)
(V)
2.6
2.5
2.4
−100
−90
−80
−70
−60
−50
Pi (dBm)
(1)
(2)
(3)
Fig.4 Comparator output voltage as a function of HF input power.
handbook, halfpage
MHA812
Phys(W)
3.0
0.6
Vo(COMP)
(V)
Pth(ON)
−97.5
−95.5
Pi (dBm)


Similar Part No. - UAA3202

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3201 PHILIPS-UAA3201 Datasheet
162Kb / 20P
   UHF/VHF remote control receiver
2000 Apr 18
UAA3201T PHILIPS-UAA3201T Datasheet
162Kb / 20P
   UHF/VHF remote control receiver
2000 Apr 18
More results

Similar Description - UAA3202

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3220TS PHILIPS-UAA3220TS Datasheet
227Kb / 32P
   Frequency Shift Keying FSK/Amplitude Shift Keying ASK receiver
1999 Jan 22
logo
Cypress Semiconductor
CY8CPLC20 CYPRESS-CY8CPLC20_11 Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
   Wideband FSK Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com