Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV1G125GF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74CBTLV1G125GF
Description  Single bus switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV1G125GF Datasheet(HTML) 3 Page - NXP Semiconductors

  74CBTLV1G125GF Datasheet HTML 1Page - NXP Semiconductors 74CBTLV1G125GF Datasheet HTML 2Page - NXP Semiconductors 74CBTLV1G125GF Datasheet HTML 3Page - NXP Semiconductors 74CBTLV1G125GF Datasheet HTML 4Page - NXP Semiconductors 74CBTLV1G125GF Datasheet HTML 5Page - NXP Semiconductors 74CBTLV1G125GF Datasheet HTML 6Page - NXP Semiconductors 74CBTLV1G125GF Datasheet HTML 7Page - NXP Semiconductors 74CBTLV1G125GF Datasheet HTML 8Page - NXP Semiconductors 74CBTLV1G125GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
74CBTLV1G125
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 2 February 2007
3 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
Fig 3.
Pin configuration SOT353-1
and SOT753
Fig 4.
Pin configuration SOT886
Fig 5.
Pin configuration SOT891
74CBTLV1G125
OE
VCC
A
GND
B
001aad715
1
2
3
5
4
74CBTLV1G125
A
001aad717
OE
GND
n.c.
VCC
B
Transparent top view
2
3
1
5
4
6
74CBTLV1G125
A
001aaf817
OE
GND
n.c.
VCC
B
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
SOT353-1/SOT753
SOT886/SOT891
OE
1
1
output enable input OE (active LOW)
A
2
2
data input or output A
GND
3
3
ground (0 V)
B
4
4
data input or output B
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4.
Function table[1]
Output enable input OE
Function switch
L
ON-state
H
OFF-state


Similar Part No. - 74CBTLV1G125GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV1G125GF NXP-74CBTLV1G125GF Datasheet
149Kb / 18P
   Single bus switch
Rev. 01-23 February 2007
More results

Similar Description - 74CBTLV1G125GF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 NXP-74CBTLV1G125 Datasheet
149Kb / 18P
   Single bus switch
Rev. 01-23 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
   Single bus switch
Rev. 4-5 September 2012
logo
Toshiba Semiconductor
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
   Single Bus Switch
TC7SB384FU TOSHIBA-TC7SB384FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
   Single Bus Switch
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com