Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1818T-330 Datasheet(PDF) 5 Page - ECM Electronics Limited.

Part # UC1818T-330
Description  Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

UC1818T-330 Datasheet(HTML) 5 Page - ECM Electronics Limited.

  UC1818T-330 Datasheet HTML 1Page - ECM Electronics Limited. UC1818T-330 Datasheet HTML 2Page - ECM Electronics Limited. UC1818T-330 Datasheet HTML 3Page - ECM Electronics Limited. UC1818T-330 Datasheet HTML 4Page - ECM Electronics Limited. UC1818T-330 Datasheet HTML 5Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Power Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
RDC
MAX
(
Ω)
IDC
IN
(A)
UC3340 Series
UC3340T-100
10 @100 kHz
M
0.033
8.0
UC3340T-150
15 @100 kHz
M
0.042
7.0
UC3340T-220
22 @100 kHz
M
0.054
5.5
UC3340T-330
33 @100 kHz
M
0.08
4.0
UC3340T-470
47 @100 kHz
M
0.10
3.8
UC3340T-680
68 @100 kHz
M
0.17
3.0
UC3340T-101
100 @100 kHz
M
0.22
2.5
UC3340T-151
150 @100 kHz
M
0.34
2.0
UC3340T-221
220 @100 kHz
M
0.44
1.6
UC3340T-331
330 @100 kHz
M
0.70
1.2
UC3340T-471
470 @100 kHz
M
0.95
1.0
UC3340T-681
680 @100 kHz
M
1.20
1.0
UC3340T-102
1000 @100 kHz
M
2.00
0.8
UC5022 Series
UC5022T-1R0
1.0 @100 kHz
M
0.011
20
UC5022T-2R2
2.2 @100 kHz
M
0.014
16
UC5022T-3R3
3.3 @100 kHz
M
0.016
14
UC5022T-6R8
6.8 @100 kHz
M
0.022
12
UC5022T-100
10 @100 kHz
M
0.032
10
UC5022T-150
15 @100 kHz
M
0.036
8.0
UC5022T-220
22 @100 kHz
M
0.047
7.0
UC5022T-330
33 @100 kHz
M
0.066
5.5
UC5022T-470
47 @100 kHz
M
0.087
4.5
UC5022T-680
68 @100 kHz
M
0.13
3.5
UC5022T-101
100 @100 kHz
M
0.19
3.0
UC5022T-151
150 @100 kHz
M
0.25
2.6
UC5022T-221
220 @100 kHz
M
0.38
2.4
UC5022T-331
330 @100 kHz
M
0.56
1.9
UC5022T-471
470 @100 kHz
M
0.85
1.4
UC5022T-681
680 @100 kHz
M
1.20
1.2
UC5022T-102
1000 @100 kHz
M
1.80
1.0
TOLERANCE K=10%; M=20%.


Similar Part No. - UC1818T-330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC182 TI-UC182 Datasheet
184Kb / 6P
[Old version datasheet]   Fast LDO Linear Regulator
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
2Mb / 13P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - UC1818T-330

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com