Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA3500 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UAA3500
Description  Pager receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA3500 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UAA3500 Datasheet HTML 5Page - NXP Semiconductors UAA3500 Datasheet HTML 6Page - NXP Semiconductors UAA3500 Datasheet HTML 7Page - NXP Semiconductors UAA3500 Datasheet HTML 8Page - NXP Semiconductors UAA3500 Datasheet HTML 9Page - NXP Semiconductors UAA3500 Datasheet HTML 10Page - NXP Semiconductors UAA3500 Datasheet HTML 11Page - NXP Semiconductors UAA3500 Datasheet HTML 12Page - NXP Semiconductors UAA3500 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2000 Jan 18
9
Philips Semiconductors
Preliminary specification
Pager receiver
UAA3500HL
Note
1. For B+ and B++, see Fig.3.
Pins: RXON, FASTON, OUTI and OUTQ
VIH
HIGH-level voltage
VCC − 0.3 VCC
VCC + 0.3
V
VIL
LOW-level voltage
−0.3
+0.4
V
IIH
HIGH-level static current
VCC − 0.4 V
−1
+1
µA
IIL
LOW-level static current
pin at 0.4 V
−1
+1
µA
Pins: CAPI1A, CAPI1B, CAPQ1A and CAPQ1B
VCAP
DC level
RX section on
1.20
1.40
1.60
V
Pins: CAPI2A, CAPI2B, CAPQ2A, CAPQ2B
VCAP
DC level
RX section on
1.40
1.57
1.80
V
Pins: CAPI3A, CAPI3B, CAPQ3A, CAPQ3B
VCAP
DC level
RX section on
1.30
1.57
1.90
V
Pins: RFINA and RFINB
VRF
DC level
RX section on
0.92
V
Pins: IMOUTA and IMOUTB
VIMOUT
DC level
RX section on
0.17
V
Pins: VCC(LO)
VVcc(lo)
DC level
RX section on
0.95
1.00
1.05
V
Pins: VCC(FE)
VVcc(fe)
DC level
RX section on
1.75
1.80
1.85
V
Pins: FILOUTA and FILOUTB
VFILOUT
DC level
RX section on
0.24
V
Pins: AGCTAU and RSSI
VRSSI
DC level
RX section on; FASTON is LOW
0
0.30
V
RX section on;
FASTON is HIGH
VCC − 0.3 VCC
V
VAGCTAU
DC level
RX section on;
FASTON is HIGH
1.50
1.60
1.70
V
Pins: GYROUTI and GYROUTQ
VGYROUT
DC level
RX section on
1.37
1.42
1.47
V
Output stage
VOH
HIGH-level output voltage
Io = −5 µA
VCC − 0.2 −
V
VOL
LOW-level output voltage
Io =5 µA
0.2
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - UAA3500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3515A PHILIPS-UAA3515A Datasheet
180Kb / 44P
   900 MHz analog cordless telephone IC
2001 Dec 12
UAA3515AHL PHILIPS-UAA3515AHL Datasheet
180Kb / 44P
   900 MHz analog cordless telephone IC
2001 Dec 12
UAA3522 PHILIPS-UAA3522 Datasheet
148Kb / 28P
   Low power dual-band GSM transceiver with an image rejecting front-end
2000 Feb 18
UAA3522HL PHILIPS-UAA3522HL Datasheet
148Kb / 28P
   Low power dual-band GSM transceiver with an image rejecting front-end
2000 Feb 18
UAA3535 PHILIPS-UAA3535 Datasheet
118Kb / 24P
   Low power GSM/DCS/PCS multi-band transceiver
2000 Feb 17
More results

Similar Description - UAA3500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2082 PHILIPS-UAA2082 Datasheet
457Kb / 40P
   Advanced pager receiver
1996 Jan 15
UAA2080 PHILIPS-UAA2080 Datasheet
509Kb / 44P
   Advanced pager receiver
1996 Jan 15
logo
Samsung semiconductor
KA8516 SAMSUNG-KA8516 Datasheet
150Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
S1T8515A SAMSUNG-S1T8515A Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8515 SAMSUNG-KA8515 Datasheet
146Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
DS_S1T8515A01 SAMSUNG-DS_S1T8515A01 Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
logo
Holtek Semiconductor In...
HT9480 HOLTEK-HT9480 Datasheet
1Mb / 57P
   Pager Controller
logo
Mitsubishi Electric Sem...
MF1073S-1 MITSUBISHI-MF1073S-1 Datasheet
281Kb / 1P
   FOR PAGER,Rx
logo
NXP Semiconductors
PCA5010 PHILIPS-PCA5010 Datasheet
627Kb / 112P
   Pager baseband controller
1998 Nov 02
logo
Holtek Semiconductor In...
HT9580 HOLTEK-HT9580 Datasheet
444Kb / 63P
   Character Pager Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com