Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LI661 Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # LI661
Description  BLUE OVAL LAMP LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LI661 Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button LI661 Datasheet HTML 5Page - Seoul Semiconductor LI661 Datasheet HTML 6Page - Seoul Semiconductor LI661 Datasheet HTML 7Page - Seoul Semiconductor LI661 Datasheet HTML 8Page - Seoul Semiconductor LI661 Datasheet HTML 9Page - Seoul Semiconductor LI661 Datasheet HTML 10Page - Seoul Semiconductor LI661 Datasheet HTML 11Page - Seoul Semiconductor LI661 Datasheet HTML 12Page - Seoul Semiconductor LI661 Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
-9-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<060712> Rev. 0.1
LB770D
8. PACKING
(1) Antistatic poly vinyl bag apply
Poly bag:
5φ Lamp Series : 500pcs
3φ Lamp Series : 500pcs
(2) Inner box structure
Box : 2 poly bags
(3) Outer box structure
Box : 27 boxes
485.0mm
260mm
170mm
LX000
XXXXXXXX
XXXXXXXX
SEOUL SEMICONDUCTOR CO.,LTD
RANK
LXXXX
QTY :
pcs
LOT : 200X.XX.XX XXX
SEOUL SEMICONDUCTOR CO., LTD
OOO
RANK
1) Bulk Packing


Similar Part No. - LI661

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LI661 SEOUL-LI661 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LI661 SEOUL-LI661 Datasheet
360Kb / 13P
   CYAN LAMP LED
LI661 SEOUL-LI661 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LI661 SEOUL-LI661 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LI661 SEOUL-LI661 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LI661

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB700D SEOUL-LB700D_1 Datasheet
410Kb / 12P
   BLUE OVAL LAMP LED
LB770D SEOUL-LB770D_1 Datasheet
397Kb / 12P
   BLUE OVAL LAMP LED
LB700D SEOUL-LB700D Datasheet
392Kb / 14P
   BLUE OVAL LAMP LED
logo
OPTEK Technologies
OVLKBGT6 OPTEK-OVLKBGT6 Datasheet
769Kb / 4P
   Oval Blue LED Lamp (3mm)
logo
TT Electronics.
OVLHBKD8 TTELEC-OVLHBKD8 Datasheet
663Kb / 4P
   Oval Blue LED Lamp (5mm)
logo
LightKey Optoelectronic...
LLO346UBD-B90 LIGHTKEY-LLO346UBD-B90 Datasheet
81Kb / 2P
   3mm Oval Blue LED Lamp
logo
TT Electronics.
OVLJBGD8 TTELEC-OVLJBGD8 Datasheet
624Kb / 4P
   Oval Blue LED Lamp (4mm)
OVLKBGT6 TTELEC-OVLKBGT6 Datasheet
771Kb / 4P
   Oval Blue LED Lamp (3mm)
logo
OPTEK Technologies
OVLJBGD8 OPTEK-OVLJBGD8 Datasheet
622Kb / 4P
   Oval Blue LED Lamp (4mm)
OVLHBKD8 OPTEK-OVLHBKD8 Datasheet
586Kb / 3P
   Oval Blue LED Lamp (5 mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com