Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC181 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # LC181
Description  INFRARED LAMP LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LC181 Datasheet(HTML) 5 Page - Seoul Semiconductor

  LC181 Datasheet HTML 1Page - Seoul Semiconductor LC181 Datasheet HTML 2Page - Seoul Semiconductor LC181 Datasheet HTML 3Page - Seoul Semiconductor LC181 Datasheet HTML 4Page - Seoul Semiconductor LC181 Datasheet HTML 5Page - Seoul Semiconductor LC181 Datasheet HTML 6Page - Seoul Semiconductor LC181 Datasheet HTML 7Page - Seoul Semiconductor LC181 Datasheet HTML 8Page - Seoul Semiconductor LC181 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
-5-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<050201> Rev. 0.0
LI521
5. RELIABLITY TESTS
0/50
100cycles
T
a = -40ºC (25min) ~ 25ºC (5min) ~
105ºC (25min) ~ 25ºC (5min)
Temperature Cycle
0/22
1 time
1kV, 1.5kΩ ; 100pF
ESD
(Human Body Model)
0/50
100cycles
T
a = -40ºC (30min) ~ 105º (30min)
(Transfer time : 5sec, 1Cycle = 1hr)
Thermal Shock
0/22
100hrs
T
a = 85ºC, RH = 85%
I
F = 15mA
Temperature Humidity
Operating
0/50
1000hrs
T
a = 85ºC, RH = 85%
Temperature Humidity
Storage
0/50
1000hrs
T
a = -40ºC
Low Temperature
Storage
0/50
1000hrs
T
a = 105ºC
High Temperature
Storage
0/50
0/50
0/22
0/22
0/22
Failures
10cycles
T
a = 25ºC ~ 65ºC ~ -10ºC, RH = 90%
(1Cycle = 24hrs)
Moisture Resistance
Cycle
1 time
T
s = 260 ± 5ºC, t = 10 ± 1sec
Resistance to soldering
Heat
1000hrs
T
a = 100ºC, IF = 10mA
High Temperature
Operating
1000hrs
T
a = -40ºC, IF = 20mA
Low Temperature
Operating
1000hrs
T
a = RT, IF = 50mA
Life Test
Note
Condition
Item
< Judging Criteria For Reliability Tests >
LSL 2 X 0.7
I
V
USL X 2.0
I
R
USL 1 X 1.2
V
F
Notes : 1. USL : Upper Standard Level
2. LSL : Lower Standard Level.


Similar Part No. - LC181

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC181 SEOUL-LC181 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC181 SEOUL-LC181 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC181 SEOUL-LC181 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC181 SEOUL-LC181 Datasheet
378Kb / 14P
   RED LAMP LED
LC181 SEOUL-LC181 Datasheet
285Kb / 13P
   Infrared LAMP LED
More results

Similar Description - LC181

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR521 SEOUL-LR521_1 Datasheet
472Kb / 12P
   Infrared LAMP LED
logo
List of Unclassifed Man...
L735-02AU ETC-L735-02AU Datasheet
105Kb / 1P
   Infrared LED Lamp
logo
Roithner LaserTechnik G...
LED810-XXAU ROITHNER-LED810-XXAU Datasheet
1,004Kb / 9P
   Infrared LED Lamp
logo
Seoul Semiconductor
LI520C SEOUL-LI520C Datasheet
285Kb / 13P
   Infrared LAMP LED
logo
Roithner LaserTechnik G...
LED940 ROITHNER-LED940 Datasheet
899Kb / 6P
   Infrared LED Lamp
LED970-XX ROITHNER-LED970-XX Datasheet
82Kb / 2P
   Infrared LED Lamp
logo
List of Unclassifed Man...
LED740-01AU ETC2-LED740-01AU Datasheet
89Kb / 1P
   Infrared LED Lamp
logo
Roithner LaserTechnik G...
LED770-03AU ROITHNER-LED770-03AU Datasheet
66Kb / 1P
   Infrared LED Lamp
LED780_XXAU ROITHNER-LED780_XXAU Datasheet
184Kb / 1P
   infrared led lamp
LED840-04AU ROITHNER-LED840-04AU Datasheet
66Kb / 1P
   Infrared LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com