Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC171 Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # LC171
Description  Infrared LAMP LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LC171 Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button LC171 Datasheet HTML 5Page - Seoul Semiconductor LC171 Datasheet HTML 6Page - Seoul Semiconductor LC171 Datasheet HTML 7Page - Seoul Semiconductor LC171 Datasheet HTML 8Page - Seoul Semiconductor LC171 Datasheet HTML 9Page - Seoul Semiconductor LC171 Datasheet HTML 10Page - Seoul Semiconductor LC171 Datasheet HTML 11Page - Seoul Semiconductor LC171 Datasheet HTML 12Page - Seoul Semiconductor LC171 Datasheet HTML 13Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
9. SOLDERING PROFILE
Note : In case the soldered products are reused in soldering process, we don’t guarantee the products.
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
10
1) Wave Soldering Conditions / Profile
• Preliminary heating to be at 85ºC(120 ºC max) for 20 seconds(60 seconds max).
• Soldering heat to be at 235 ºC (260ºC max) for 5 seconds (10 seconds max.)
• Soak time above 200 ºC is 5 seconds
2) Hand Soldering conditions
• Not more than 5 seconds at max. 300ºC, under Soldering iron.
0
2
4
6
8
10
12
1 4
1 6
18
20
22
2 4
2 6
28
30
3 2
3 4
36
0
50
10 0
15 0
20 0
25 0
Tim e [s ]
PREHEAT
20s (60s Max)
85 ºC(120 ºC max)
PEAK
5s (10s Max)
235 ºC(260 ºC Max)


Similar Part No. - LC171

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC171 SEOUL-LC171 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC171 SEOUL-LC171 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC171 SEOUL-LC171 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC171 SEOUL-LC171 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC171 SEOUL-LC171 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC171

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LI521 SEOUL-LI521 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LR521 SEOUL-LR521_1 Datasheet
472Kb / 12P
   Infrared LAMP LED
logo
List of Unclassifed Man...
L735-02AU ETC-L735-02AU Datasheet
105Kb / 1P
   Infrared LED Lamp
logo
Roithner LaserTechnik G...
LED810-XXAU ROITHNER-LED810-XXAU Datasheet
1,004Kb / 9P
   Infrared LED Lamp
LED940 ROITHNER-LED940 Datasheet
899Kb / 6P
   Infrared LED Lamp
LED970-XX ROITHNER-LED970-XX Datasheet
82Kb / 2P
   Infrared LED Lamp
logo
List of Unclassifed Man...
LED740-01AU ETC2-LED740-01AU Datasheet
89Kb / 1P
   Infrared LED Lamp
logo
Roithner LaserTechnik G...
LED770-03AU ROITHNER-LED770-03AU Datasheet
66Kb / 1P
   Infrared LED Lamp
LED780_XXAU ROITHNER-LED780_XXAU Datasheet
184Kb / 1P
   infrared led lamp
LED840-04AU ROITHNER-LED840-04AU Datasheet
66Kb / 1P
   Infrared LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com