Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA3522HL Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UAA3522HL
Description  Low power dual-band GSM transceiver with an image rejecting front-end
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA3522HL Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UAA3522HL Datasheet HTML 7Page - NXP Semiconductors UAA3522HL Datasheet HTML 8Page - NXP Semiconductors UAA3522HL Datasheet HTML 9Page - NXP Semiconductors UAA3522HL Datasheet HTML 10Page - NXP Semiconductors UAA3522HL Datasheet HTML 11Page - NXP Semiconductors UAA3522HL Datasheet HTML 12Page - NXP Semiconductors UAA3522HL Datasheet HTML 13Page - NXP Semiconductors UAA3522HL Datasheet HTML 14Page - NXP Semiconductors UAA3522HL Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2000 Feb 18
11
Philips Semiconductors
Objective specification
Low power dual-band GSM transceiver
with an image rejecting front-end
UAA3522HL
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
THERMAL CHARACTERISTICS
DC CHARACTERISTICS
All parameters are guaranteed at VCC = 2.8 V; Tamb =25 °C.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCCn
supply voltage
−0.3
+6
V
Ptot
total power dissipation
−−
1W
Tstg
storage temperature
−40
+150
°C
Tamb
ambient temperature
−30
+70
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
65
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply pins VCCIF1,VCCIF2,VCCIFLO,VCCRFLO,VCCSYN, and VCCRF
VCC
supply voltage
note 1
2.7
3.3
V
Supply pins VCCCPIF and VCCCPRF
VCCCPIF;
VCCCPRF
supply voltage
note 1
2.7
4V
Supply pin VCCPHD
VCCPHD
supply voltage for charge pump of
phase detector in transmit
modulation loop
note 1
2.7
5.5
V
Supply pins VCCIF1,VCCIF2,VCCIFLO,VCCRFLO,VCCSYN,VCCCPIF,VCCCPRF,VCCPHD and VCCRF
ICC(pd)(tot)
total power-down supply current
pins TXON,
RXON, SYNON = LOW-level;
pins EN, DATA, CLK = HIGH-l
evel; note 2
40
100
µA
RF receiver IF section (pins VCCIF1, RXOIFA and RXOIFB)
ICC(RFIF)(RX)
RF receiver and IF section total
supply current
RX mode active
16.9
21.9
mA
IF section supply (pin VCCIF2)
ICCIF(RX)
I/Q demodulator supply current
RX mode active
10.1
14.1
mA
ICCIF(TX)
I/Q modulator supply current
TX mode active
7.4
9.6
mA


Similar Part No. - UAA3522HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3500 PHILIPS-UAA3500 Datasheet
83Kb / 16P
   Pager receiver
2000 Jan 18
UAA3500HL PHILIPS-UAA3500HL Datasheet
83Kb / 16P
   Pager receiver
2000 Jan 18
UAA3515A PHILIPS-UAA3515A Datasheet
180Kb / 44P
   900 MHz analog cordless telephone IC
2001 Dec 12
UAA3515AHL PHILIPS-UAA3515AHL Datasheet
180Kb / 44P
   900 MHz analog cordless telephone IC
2001 Dec 12
UAA3535 PHILIPS-UAA3535 Datasheet
118Kb / 24P
   Low power GSM/DCS/PCS multi-band transceiver
2000 Feb 17
More results

Similar Description - UAA3522HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2073AM PHILIPS-UAA2073AM Datasheet
157Kb / 20P
   Image rejecting front-end for GSM applications
1997 Jan 27
UAA2073M PHILIPS-UAA2073M Datasheet
105Kb / 16P
   Image rejecting front-end for GSM applications
1995 Dec 07
UAA2077CM PHILIPS-UAA2077CM Datasheet
129Kb / 20P
   2 GHz image rejecting front-end
1997 Sep 24
UAA2077BM PHILIPS-UAA2077BM Datasheet
140Kb / 16P
   2 GHz image rejecting front-end
1995 Dec 13
UAA2077TS PHILIPS-UAA2077TS Datasheet
69Kb / 16P
   2 GHz image rejecting front-end
2000 Apr 17
UAA2077AM PHILIPS-UAA2077AM Datasheet
126Kb / 16P
   Image rejecting front-end for DECT applications
1996 Jul 04
logo
List of Unclassifed Man...
RF212 ETC-RF212 Datasheet
89Kb / 9P
   Image-Reject Front End for Dual or Tri-Band GSM Applications
logo
NXP Semiconductors
SA1620 PHILIPS-SA1620 Datasheet
203Kb / 26P
   Low voltage GSM front-end transceiver
1997 May 22
SA3600 PHILIPS-SA3600 Datasheet
172Kb / 30P
   Low voltage dual-band RF front-end
1999 Nov 02
SA3601 PHILIPS-SA3601 Datasheet
90Kb / 14P
   Low voltage dual-band RF front-end
1999 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com