Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA3535HL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UAA3535HL
Description  Low power GSM/DCS/PCS multi-band transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA3535HL Datasheet(HTML) 3 Page - NXP Semiconductors

  UAA3535HL Datasheet HTML 1Page - NXP Semiconductors UAA3535HL Datasheet HTML 2Page - NXP Semiconductors UAA3535HL Datasheet HTML 3Page - NXP Semiconductors UAA3535HL Datasheet HTML 4Page - NXP Semiconductors UAA3535HL Datasheet HTML 5Page - NXP Semiconductors UAA3535HL Datasheet HTML 6Page - NXP Semiconductors UAA3535HL Datasheet HTML 7Page - NXP Semiconductors UAA3535HL Datasheet HTML 8Page - NXP Semiconductors UAA3535HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2000 Feb 17
3
Philips Semiconductors
Objective specification
Low power GSM/DCS/PCS multi-band transceiver
UAA3535HL
BLOCK DIAGRAM
handbook, full pagewidth
FCA074
VCC(SYN)
VCC(IFCP)
VCC1(IF)
SYNGND
EXTRES
RFGND4
TXCPGND
RFGND3
TXRFI
TXCPO
RFCPGND
VCC(TXCP)
VCC(RFCP)
RFLOGND
RFGND1
GSMIA
GSMIB
DCSPCSIA
DCSPCSIB
RFLOIA
RFLOIB
RFCPO
RFGND2
VCC(RFLO)
VCC(RF)
MAIN
DIVIDER
REFERENCE
DIVIDER
1 : 1/2
1 : 1/2
1 : 6/7
QUAD
1 : 1/2
POWER
ENABLE
3-WIRE BUS
CONTROL REGISTER
IFTUNE
IFCPO
SYNON
TXON
RXON
REFIN
CLK
DATA
QB
QA
IA
IB
IFCIA
IFCIB
IFCQA
IFCQB
IFGND1
IFCPGND
IFGND2
PHASE-FREQUENCY
DETECTOR AND
CHARGE PUMP
91 MHz GSM/DCS
78 MHz PCS
PHASE-FREQUENCY
DETECTOR AND
CHARGE PUMP
PHASE-FREQUENCY
DETECTOR AND
CHARGE PUMP
TXIFA
3
22
25
12
11
18
17
16
10
9
33
34
35
36
8
7
5
14
15
20
21
19
4
13
6
28
27
TSTO
VCC2(IF)
E
47
46
48
UAA3535HL
1
2
45
44
26
23
24
31
30
32
29
43
42
37
41
40
39
38
×
×
×
×
×
Fig.1 Block diagram.


Similar Part No. - UAA3535HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3500 PHILIPS-UAA3500 Datasheet
83Kb / 16P
   Pager receiver
2000 Jan 18
UAA3500HL PHILIPS-UAA3500HL Datasheet
83Kb / 16P
   Pager receiver
2000 Jan 18
UAA3515A PHILIPS-UAA3515A Datasheet
180Kb / 44P
   900 MHz analog cordless telephone IC
2001 Dec 12
UAA3515AHL PHILIPS-UAA3515AHL Datasheet
180Kb / 44P
   900 MHz analog cordless telephone IC
2001 Dec 12
UAA3522 PHILIPS-UAA3522 Datasheet
148Kb / 28P
   Low power dual-band GSM transceiver with an image rejecting front-end
2000 Feb 18
More results

Similar Description - UAA3535HL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7003 STMICROELECTRONICS-STB7003 Datasheet
221Kb / 9P
   TRI-BAND GSM/DCS/PCS LNA
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108_1 Datasheet
367Kb / 12P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
RF Micro Devices
RF3133 RFMD-RF3133_05 Datasheet
200Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
WALSIN TECHNOLOGY CORPO...
RFCPL1807P2S0T62 WALSIN-RFCPL1807P2S0T62 Datasheet
359Kb / 2P
   AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P0T WALSIN-RFCPL1608070P0T Datasheet
538Kb / 2P
   AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com