Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKB0865-820 Datasheet(PDF) 3 Page - ECM Electronics Limited.

Part # PKB0865-820
Description  Radial Leaded Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

PKB0865-820 Datasheet(HTML) 3 Page - ECM Electronics Limited.

  PKB0865-820 Datasheet HTML 1Page - ECM Electronics Limited. PKB0865-820 Datasheet HTML 2Page - ECM Electronics Limited. PKB0865-820 Datasheet HTML 3Page - ECM Electronics Limited. PKB0865-820 Datasheet HTML 4Page - ECM Electronics Limited. PKB0865-820 Datasheet HTML 5Page - ECM Electronics Limited. PKB0865-820 Datasheet HTML 6Page - ECM Electronics Limited. PKB0865-820 Datasheet HTML 7Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ECM Radial Leaded Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 2
** = Test Frequency as specified in ‘L’ column
ECM
Part
L
(mH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
PK0406 Series continued…
PK0406-332
3.3 @0.252 MHz
K
70
0.7
26.00
83
PK0406-392
3.9 @0.252 MHz
K
70
0.6
30.00
76
PK0406-472
4.7 @0.252 MHz
K
65
0.6
45.00
70
PK0406-562
5.6 @0.252 MHz
K
65
48.00
62
PK0406-682
6.8 @0.252 MHz
K
65
56.00
56
PK0406-822
8.2 @0.252 MHz
K
65
62.00
52
PK0406-103
10 @0.079 MHz
K
45
72.00
47
PK0406-123
12 @0.079 MHz
K
45
80.00
40
PK0406-153
15 @0.079 MHz
K
45
120.00
35
PK0406-183
18 @0.079 MHz
K
45
135.00
30
PK0406-223
22 @0.079 MHz
K
45
160.00
24
PK0406-253
25 @0.079 MHz
K
45
180.00
20
PK0608 Series
PK0608-122
1.2 @0.252 MHz
K
70
3.50
120
PK0608-152
1.5 @0.252 MHz
K
70
4.50
100
PK0608-182
1.8 @0.252 MHz
K
70
5.00
100
PK0608-222
2.2 @0.252 MHz
K
70
6.20
90
PK0608-272
2.7 @0.252 MHz
K
70
7.20
90
PK0608-332
3.3 @0.252 MHz
K
70
10.50
60
PK0608-392
3.9 @0.252 MHz
K
70
11.70
60
PK0608-472
4.7 @0.252 MHz
K
70
13.60
60
PK0608-562
5.6 @0.252 MHz
K
70
16.60
50
PK0608-682
6.8 @0.252 MHz
K
70
19.60
50
PK0608-822
8.2 @0.252 MHz
K
70
25.20
40
PK0608-103
10 @0.079 MHz
K
70
29.50
40
PK0608-123
12 @0.079 MHz
K
70
33.80
40
PK0608-153
15 @0.079 MHz
K
70
45.40
30
PK0608-183
18 @0.079 MHz
K
70
50.40
30
PK0608-223
22 @0.079 MHz
K
70
60.00
30
PK0608-303
30 @0.079 MHz
K
70
91.50
20
PK0608-333
33 @0.079 MHz
K
70
98.50
20
PK0608-393
39 @0.079 MHz
K
70
140.00
15
PK0608-473
47 @0.079 MHz
K
70
160.00
15
PK0608-503
50 @0.079 MHz
K
70
170.00
15
PK0608-563
56 @0.079 MHz
K
70
180.00
15
PK0608-683
68 @0.079 MHz
K
50
280.00
15
PK0608-823
82 @0.079 MHz
K
50
310.00
10
PK0608-104
100 @0.025 MHz
K
30
380.00
10
PK0608-124
120 @0.025 MHz
K
30
430.00
10
PK0608-154
150 @0.025 MHz
K
30
520.00
10


Similar Part No. - PKB0865-820

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKB24SPCH3601-B0 MURATA-PKB24SPCH3601-B0 Datasheet
1Mb / 35P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
logo
Murata Manufacturing Co...
PKB24SPCH3601-B0 MURATA1-PKB24SPCH3601-B0 Datasheet
227Kb / 9P
   Specification of Piezoelectric Buzzer
March 24, 2017
PKB24SPCH3601-B0 MURATA1-PKB24SPCH3601-B0_V01 Datasheet
227Kb / 9P
   Specification of Piezoelectric Buzzer
March 24, 2017
logo
Murata Manufacturing Co...
PKB24SWH3301 MURATA-PKB24SWH3301 Datasheet
182Kb / 3P
   this is a unified piezoelectric sounder which has a piezoelectric
logo
Murata Manufacturing Co...
PKB24SWH3301 MURATA1-PKB24SWH3301 Datasheet
269Kb / 3P
   Piezoelectric Sounders / Buzzers
03/07/2024
More results

Similar Description - PKB0865-820

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com