Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ670 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SJ670
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ670 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SJ670 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ670 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ670 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ670 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ670
No.8354-3/4
2
3
5
7
2
3
5
7
--1.0
2
3
5
7
--10
--0.1
--0.01
23
5 7
2
3
5 7
2
3
5 7
2
--0.1
--1.0
--10
--100
IT09792
IT06022
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--0.01
7
--0.1
7
5
3
2
--1.0
--10
7
5
3
2
5
3
2
0
0
--1
--2
--3
--4
--5
--6
--7
--8
12
4
28
10
6
--10
--9
IT09791
IT06021
--0.01
--0.1
23
5
7
--1.0
--10
23
5
7
2
3
5
7
3
2
0.1
10
1.0
5
7
3
2
5
7
--0.1
57
--1.0
--10
23
3
27
5
10
100
1.0
2
7
5
3
2
7
5
3
tf
IT09790
0
10
2
3
--5
100
1000
5
3
2
7
7
5
--30
--10
--15
--20
--25
IT06024
VDS= --10V
--25
°C
75
°C
Tc=25
°C
VGS=0V
VDD= --50V
VGS= --10V
td(on)
td(off)
tr
f=1MHz
Crss
Coss
Ciss
VDS= --50V
ID= --1.5A
PW
≤10µs
100
µ
s
1ms
10ms
100ms
DC
operation
Operation in this area
is limited by RDS(on).
0
--2
--4
--6
--8
--10
--12
400
500
600
700
750
350
450
550
650
800
300
300
400
500
600
700
800
200
--14
--20
--16
--18
IT09788
IT09789
--60
--40
--20
20
40
60
80
100
0
120
140
Tc=25
°C
ID= --0.8A
750
250
350
450
550
650
I D
= -
-0.8A,
V GS
= -
-4V
I D
= -
-0.8A,
V GS
= -
-10V
ID= --1.5A
IDP= --6A
VGS -- Qg
A S O
Drain-to-Source Voltage, VDS -- V
Tc=25
°C
Single pulse
Total Gate Charge, Qg -- nC
yfs -- ID
IS -- VSD
SW Time -- ID
Ciss, Coss, Crss -- VDS
RDS(on) -- VGS
RDS(on) -- Tc
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V


Similar Part No. - 2SJ670

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ673 RENESAS-2SJ673 Datasheet
288Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
logo
Toshiba Semiconductor
2SJ676 TOSHIBA-2SJ676 Datasheet
148Kb / 3P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SJ676 TOSHIBA-2SJ676 Datasheet
141Kb / 3P
   Switching Regulator, DC/DC Converter and
2SJ676 TOSHIBA-2SJ676_09 Datasheet
141Kb / 3P
   Switching Regulator, DC/DC Converter and
More results

Similar Description - 2SJ670

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW168 SANYO-FW168 Datasheet
44Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ663 SANYO-2SJ663 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ665 SANYO-2SJ665 Datasheet
41Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3341 SANYO-CPH3341 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8305 SANYO-ECH8305_07 Datasheet
40Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8611 SANYO-ECH8611 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
EMH2302 SANYO-EMH2302 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
FSS174 SANYO-FSS174 Datasheet
43Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3325 SANYO-CPH3325 Datasheet
39Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3326 SANYO-CPH3326 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com