Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD660CT Datasheet(PDF) 2 Page - International Rectifier

Part # MBRD660CT
Description  SCHOTTKY RECTIFIER 6 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRD660CT Datasheet(HTML) 2 Page - International Rectifier

  MBRD660CT Datasheet HTML 1Page - International Rectifier MBRD660CT Datasheet HTML 2Page - International Rectifier MBRD660CT Datasheet HTML 3Page - International Rectifier MBRD660CT Datasheet HTML 4Page - International Rectifier MBRD660CT Datasheet HTML 5Page - International Rectifier MBRD660CT Datasheet HTML 6Page - International Rectifier MBRD660CT Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MBRD650CTPbF, MBRD660CTPbF
2
Bulletin PD-21097 rev. B 08/06
www.irf.com
V
FM
Max. Forward Voltage Drop
0.7
V
@
3A
(Per Leg) * See Fig. 1
(1)
0.9
V
@
6A
0.65
V
@
3A
0.85
V
@
6A
I
RM
Max. Reverse Leakage Current
0.1
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
15
mA
T
J = 125 °C
CT
Typ. Junction Capacitance (Per Leg)
145
pF
VR = 5VDC (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance (Per Leg)
5.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/μs (Rated VR)
TJ
Max. Junction Temperature Range (*) -40 to 150
°C
Tstg
Max. Storage Temperature Range
-40 to 150
°C
R
thJC Max. Thermal Resistance (Per Leg)
6
°C/W DC operation
* See Fig. 4
Junction to Case
(PerDevice)
3
R
thJA Max. Thermal Resistance Junction
80
°C/W
to Ambient
wt
Approximate Weight
0.3 (0.01) g (oz.)
Case Style
D-Pak
Similar to TO-252AA
Device Marking
MBRD660CT
Thermal-Mechanical Specifications
T
J =
25 °C
T
J = 125 °C
Electrical Specifications
(1) Pulse Width < 300μs, Duty Cycle <2%
V
R = rated VR
Part number
MBRD650CTPbF
MBRD660CTPbF
V
R
Max. DC Reverse Voltage (V)
50
60
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
Parameters
Value
Units
Conditions
Parameters
Value
Units
Conditions
I
F(AV) Max. Average Forward(Per Leg)
3.0
A
50% duty cycle @ T
C = 128°C, rectangular wave form
Current * See Fig. 5
(PerDevice)
6
I
FSM
Max.PeakOneCycleNon-Repetitive
490
5μs Sine or 3μs Rect. pulse
Surge Current * See Fig. 7
75
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repet.Aval.Energy (PerLeg)
6
mJ
T
J = 25 °C, IAS = 1 Amp, L = 12 mH
I
AR
Repetitive Avalanche Current
0.6
A
Current decaying linearly to zero in 1 μsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM applied
A
Parameters
Value
Units
Conditions
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)


Similar Part No. - MBRD660CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRD660CT MOTOROLA-MBRD660CT Datasheet
96Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
logo
ON Semiconductor
MBRD660CT ONSEMI-MBRD660CT Datasheet
65Kb / 6P
   SWITCHMODE Power Rectifiers
August, 2004 ??Rev. 4
logo
Frontier Electronics.
MBRD660CT FRONTIER-MBRD660CT Datasheet
124Kb / 2P
   6A DUAL SCHOTTKY BARRIER RECTIFIERS
logo
Sangdest Microelectroni...
MBRD660CT SMC-MBRD660CT Datasheet
205Kb / 6P
   SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRD660CT MCC-MBRD660CT Datasheet
442Kb / 3P
   6 Amp Schottky Barrier Rectifier 60 Volts
More results

Similar Description - MBRD660CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS6150 MICROSEMI-UPS6150 Datasheet
121Kb / 2P
   6 Amp Schottky Rectifier
UPS615 MICROSEMI-UPS615 Datasheet
108Kb / 2P
   6 Amp Schottky ORing Rectifier
LSM615 MICROSEMI-LSM615 Datasheet
104Kb / 2P
   6 Amp Schottky ORING Rectifier
logo
Micro Commercial Compon...
MBRD640CT MCC-MBRD640CT Datasheet
483Kb / 3P
   6 Amp Schottky Barrier Rectifier 40 Volts
MBRD6100CT MCC-MBRD6100CT Datasheet
607Kb / 3P
   6 Amp Schottky Barrier Rectifier 100 Volts
MBRD660CT MCC-MBRD660CT Datasheet
442Kb / 3P
   6 Amp Schottky Barrier Rectifier 60 Volts
SK62L MCC-SK62L_11 Datasheet
914Kb / 4P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK62 MCC-SK62_08 Datasheet
607Kb / 5P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK62 MCC-SK62 Datasheet
412Kb / 3P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK62L MCC-SK62L_14 Datasheet
954Kb / 4P
   6 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com