Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA1702A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UBA1702A
Description  Line interrupter driver and ringer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1702A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UBA1702A Datasheet HTML 7Page - NXP Semiconductors UBA1702A Datasheet HTML 8Page - NXP Semiconductors UBA1702A Datasheet HTML 9Page - NXP Semiconductors UBA1702A Datasheet HTML 10Page - NXP Semiconductors UBA1702A Datasheet HTML 11Page - NXP Semiconductors UBA1702A Datasheet HTML 12Page - NXP Semiconductors UBA1702A Datasheet HTML 13Page - NXP Semiconductors UBA1702A Datasheet HTML 14Page - NXP Semiconductors UBA1702A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1997 Sep 29
11
Philips Semiconductors
Product specification
Line interrupter driver and ringer
UBA1702; UBA1702A
CHARACTERISTICS
Speech part: lline = 20 mA; DPI = LOW; Tamb =25 °C; VEE = 0 V; unless otherwise specified.
Ringer part: Vline(rms) = 45 V; f = 25 Hz; using an RC combination of 2.2 kΩ and 820 nF and a diode bridge between the
line and the RPI input.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Speech Part
SWITCH DRIVER AND REFERENCES (PINS SDI, SDO, EHI AND DPI); UBA1702 ONLY
IEE
VEE current consumption
VSPO = 4.2 V
−−330 −µA
VSDO
switch driver output voltage
VSDI <12V
−−
0.2
V
SWITCH DRIVER AND REFERENCES (PINS SDI, SDO, EHI AND DPI); UBA1702A ONLY
IEE
VEE current consumption; excluding PNP
interrupter base current
VSDO = 4.2 V
−−510 −µA
RSDO
resistance between pins SDO and VEE
2.2
k
ISDO(max)
maximum input current (pin SDO)
7.0
−−
mA
SWITCH DRIVER AND REFERENCES (PINS SDI, SDO, EHI AND DPI); UBA1702 AND UBA1702A
ISS
VSS current consumption
VSPO = 4.2 V; note 1
−−280 −µA
VSDISDO
internal voltage limitation between
pins SDI and SDO
14
V
RSDI-SDO
resistance between pins SDI and SDO
VSDI − VSDO <12V
1.1
M
RSDI
resistance between pins SDI and VEE
VSDI =VEHI =48V;
DPI = HIGH
4
M
VSDI =VEHI = 240 V;
DPI = HIGH
520
M
REHI
resistance between pins EHI and VEE
VEHI = 4.2 V
170
420
k
VEHI =48V
740
k
VEHI = 240 V
3.5
M
Z
SPO
impedance between pins SPO and VEE
f = 0.3 to 3.4 kHz
20
−−
k
Z
VSS
impedance between pins VSS and VEE
f = 0.3 to 3.4 kHz
10
−−
k
VIH
HIGH-level input voltage (pin EHI)
VSS + 1.5 −
240
V
VIL
LOW-level input voltage (pin EHI)
VSS
VSS + 0.3 V
IIH
HIGH-level input current (pin EHI)
VEHI = 4.2 V
0
10
20
µA
IIL
LOW-level input current (pin EHI)
VEHI = LOW
0
−µA
VIH
HIGH-level input voltage (pin DPI)
VSS + 1.5 −
VDD
V
VIL
LOW-level input voltage (pin DPI)
VSS
VSS + 0.3 V
IIH
HIGH-level input current (pin DPI)
VDPI = HIGH
0
10
µA
IIL
LOW-level input current (pin DPI)
VDPI = LOW
0
−µA


Similar Part No. - UBA1702A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
UBA1706TS PHILIPS-UBA1706TS Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
UBA1707 PHILIPS-UBA1707 Datasheet
245Kb / 36P
   Cordless telephone, answering machine line interface
1999 Feb 17
UBA1707T PHILIPS-UBA1707T Datasheet
245Kb / 36P
   Cordless telephone, answering machine line interface
1999 Feb 17
UBA1707TS PHILIPS-UBA1707TS Datasheet
245Kb / 36P
   Cordless telephone, answering machine line interface
1999 Feb 17
More results

Similar Description - UBA1702A

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701 TI-SN751701 Datasheet
237Kb / 14P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN75155 TI-SN75155 Datasheet
162Kb / 10P
[Old version datasheet]   LINE DRIVER AND RECEIVER
logo
Taiwan Semiconductor Co...
TS31002 TSC-TS31002 Datasheet
175Kb / 6P
   Tong Ringer
logo
Integral Corp.
IL2410 INTEGRAL-IL2410 Datasheet
330Kb / 7P
   Tone Ringer
logo
Taiwan Semiconductor Co...
TS2411 TSC-TS2411_1 Datasheet
420Kb / 7P
   Tong Ringer
logo
Daewoo Semiconductor
DBL5001 DAEWOO-DBL5001 Datasheet
317Kb / 6P
   TONE RINGER
logo
System Logic Semiconduc...
SL2411 SLS-SL2411 Datasheet
50Kb / 6P
   Tone Ringer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com