Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5C2-R40J Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E5C2-R40J
Description  DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5C2-R40J Datasheet(HTML) 2 Page - Omron Electronics LLC

  E5C2-R40J Datasheet HTML 1Page - Omron Electronics LLC E5C2-R40J Datasheet HTML 2Page - Omron Electronics LLC E5C2-R40J Datasheet HTML 3Page - Omron Electronics LLC E5C2-R40J Datasheet HTML 4Page - Omron Electronics LLC E5C2-R40J Datasheet HTML 5Page - Omron Electronics LLC E5C2-R40J Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
I-6
Temperature Controller
E5C2
Specifications
I Ratings
Note: Specify either 100/110/120 VAC or 200/220/240 VAC when ordering.
I Input Ranges
Note: 1. Values in ( ) are the minimum unit.
2. Values in ( ) are the thermistor resistive value.
I Characteristics
Note: 1. No reset function is incorporated by any E5C2 model with ON/OFF control.
2. The model number of the special watertight cover conforming to IP66, NEMA4 is Y92A-48B.
Supply voltage
100/110/120 VAC (common), 200/220/240 VAC (common) (See note.)
50/60 Hz (common)
Operating voltage range
90% to 110% of rated supply voltage
Power consumption
Approx. 2 VA
Input
Thermocouple (with sensor burnout detection circuit), platinum resistance thermometer, or thermistor
Control mode
ON/OFF or P control
Setting method
Analog setting
Indication method
No indication
Control output
Relay output: SPDT, 3 A at 250 VAC, resistive load (switching capacity: 330 VA)
Input
Thermocouple
Platinum resistance
thermometer
Thermistor (see note 2)
K (CA)
Chromel vs. alumel
J (IC)
Iron vs. constantan
Pt100
THE
Range
°C
0 to 200 (5),
0 to 300 (10),
0 to 400 (10),
0 to 600 (20),
0 to 800 (20),
0 to 1,000 (25),
0 to 1,200 (25)
0 to 200 (5),
0 to 300 (10),
0 to 400 (10)
–50 to 50 (2),
–20 to 80 (2),
0 to 50 (1),
0 to 100 (2),
0 to 200 (5),
0 to 300 (10),
0 to 400 (10)
–50 to 50 (2) (6 k
Ω at 0°C),
0 to 100 (2) (6 k
Ω at 0°C),
50 to 150 (2) (30 k
Ω at 0°C),
100 to 200 (2) (550
Ω at 200°C),
150 to 300 (2) (4 k
Ω at 200°C)
°F
32 to 392 (10),
32 to 572 (20),
32 to 752 (20),
32 to 1,112 (40),
32 to 1,472 (50),
32 to 1,832 (50),
32 to 2,192 (50)
32 to 392 (10),
32 to 572 (20),
32 to 752 (20)
32 to 212 (5),
32 to 392 (10)
---
Setting accuracy
±2% FS max.
Hysteresis
Approx. 0.5% FS (fixed)
Proportional band
3% FS (fixed)
Control period
Approx. 20 s
Reset range (see note 1)
5
±1% FS min.
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between charged terminals and uncharged metallic parts
Vibration resistance
Malfunction: 10 to 55 Hz, 0.15-mm single amplitude for 10 min each in X, Y, and Z directions
Destruction: 16.7 Hz, 2-mm double amplitude for 2 hrs each in X, Y, and Z directions
Shock resistance
Malfunction: 147 m/s2, 3 times each in 6 directions
Destruction: 294 m/s2, 3 times each in 6 directions
Life expectancy
Electrical:
100,000 operations min. (3 A at 110 VAC, resistive load)
Ambient temperature
Operating: –10
°C to 55°C (with no icing or condensation)
Ambient humidity
Operating: 45% to 85%
Degree of protection
Front panel: IEC standard IP40 (see note 2)
Terminals:
IEC standard IP00
Weight
Approx. 200 g (with flush-mounting adapter)


Similar Part No. - E5C2-R40J

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5C4 OMRON-E5C4 Datasheet
178Kb / 8P
   DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
E5C4-Q20J OMRON-E5C4-Q20J Datasheet
178Kb / 8P
   DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
E5C4-Q20K OMRON-E5C4-Q20K Datasheet
178Kb / 8P
   DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
E5C4-Q20P OMRON-E5C4-Q20P Datasheet
178Kb / 8P
   DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
E5C4-Q40J OMRON-E5C4-Q40J Datasheet
178Kb / 8P
   DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
More results

Similar Description - E5C2-R40J

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5C4 OMRON-E5C4 Datasheet
178Kb / 8P
   DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
H3CA8DC24 OMRON-H3CA8DC24 Datasheet
1Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
logo
Fuji Electric
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
logo
Omron Electronics LLC
E5CS-X OMRON-E5CS-X Datasheet
173Kb / 12P
   Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
   DIN 48 x 48-mm Multifunctional Timer Series
logo
Schneider Electric
RE48ASETCOV SCHNEIDER-RE48ASETCOV Datasheet
104Kb / 3P
   Harmony, Setting protective cover for timing relay 48 x 48 mm
logo
Fuji Electric
EDS11-159C FUJI-EDS11-159C Datasheet
297Kb / 16P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 96 mm)
EDS11-87A FUJI-EDS11-87A Datasheet
333Kb / 5P
   48mm TEMPERATURE CONTROLLER(Z-48)
EDSX11-133 FUJI-EDSX11-133 Datasheet
137Kb / 10P
   Z SERIES FUZZY CONTROLLER X (48)48mm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com