Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1757M-35PGM Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # P1757M-35PGM
Description  COMPLETE EMBEDDED CPU SUBSYSTEM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P1757M-35PGM Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

Back Button P1757M-35PGM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P1757M-35PGM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P1757M-35PGM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P1757M-35PGM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P1757M-35PGM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P1757M-35PGM Datasheet HTML 10Page - Pyramid Semiconductor Corporation P1757M-35PGM Datasheet HTML 11Page - Pyramid Semiconductor Corporation P1757M-35PGM Datasheet HTML 12Page - Pyramid Semiconductor Corporation P1757M-35PGM Datasheet HTML 13Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
PACE 1757 M/ME
Page 9 of 34
Document # MICRO-10 REV B
SIGNAL PROPAGATION DELAYS (cont'd)
Symbol
Description
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
TD/I(EXT ADR)
V
MMU Cache Hit
25
23
23
23
TSTRBD(EXT ADR ER) External Address Error
25
20
18
16
TIBD
V(EDC GEN)V
Error Correction Write Cycle
30
25
24
23
TC(GNT)
Arbiter Priority Transition
35
25
22
18
TC(RDYA)
Address Ready
30
25
21
17
TIBDIN(MEM PAR ER)
Parity Mode
34
30
28
25
TC(MEM PRT ER)
Memory Protect Error
50
45
43
40
T
STRBD (WR PROT) Write Protect Cache Hit
25
20
18
16
TC(WR PROT)I
Write Protect Cache Miss
25
22
20
18
TD/I(PROT FLAG)
Cache Hit (BPU Protection Error)
40
45
42
40
TD/I(PROT FLAG)
Cache Hit (MMU Key-Lock Error)
40
35
33
30
TC(PROT FLAG)
Cache Hit (BPU Protection Error)
25
35
33
30
TC(PROT FLAG)
Cache Hit (MMU Key-Lock Error)
25
20
20
20
TC(EXT ADR)
V
Clock to EXT Address Valid (Miss)
32
30
27
23
TFC(IB OUT)
V
Clock to EXT Address Valid (Miss)
30
25
25
25
T
EX RDY1(RDYD)
Ready Data
28
24
23
21
T
EX RDY(RDYD)
Ready Data
16
13
12.5
11.5
TC (RDYD)
V
Ready Data
28
22
19
16
TSTRBAh(A)
V
Address Valid
29
21
20
19
TIBA
V(A )V
Address Valid
31
22
21
20
TFC (R)
L
Read Strobes
24
18
15
12
TSTRBD
H(R)H
Read Strobes
24
18
15
12
TSTRBD
H(W)L
Write Strobes
262018
15
TSTRBD
L(W)H
Write Strobes
262018
15
TSTRBD(STRTROM)
Start-Up ROM
26
20
18
15
TC(TIM CLK)
Timer Clock
30
25
23
20
TEXT AD(FC B3)
Extended Address Set-Up
10
10
10
10
TF(F), TI(I)
Edge Sensitive Pulse Width
5555
tr, tf
Clock Rise and Fall Time
5
5
5
5
20 MHz
30 MHz
35 MHz
40 MHz
Note
All timing parameters are composed of Three elements. The first "T" stands for timing. The second represents the "from" signal. The third in
parentheses indicates "to" signal. When the CPU clock is one of the signal elements, either the rising edge "E" or the falling edge "FC" is referenced.
When other elements are used, an additional suffix indicates the final logic level of the signal. "L" - low level, "H" - high level, "V" - valid, "Z" - high
impedance, "X" - don't care, "LH" - low to high, "ZH" - high impedance to high, "R" - read cycle, and "W" - write cycle.
Units = ns


Similar Part No. - P1757M-35PGM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P1750A-15CMB PYRAMID-P1750A-15CMB Datasheet
229Kb / 24P
   SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR
P1750A-15GMB PYRAMID-P1750A-15GMB Datasheet
229Kb / 24P
   SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR
P1750A-15PGMB PYRAMID-P1750A-15PGMB Datasheet
229Kb / 24P
   SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR
P1750A-15QGMB PYRAMID-P1750A-15QGMB Datasheet
229Kb / 24P
   SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR
P1750A-15QLMB PYRAMID-P1750A-15QLMB Datasheet
229Kb / 24P
   SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR
More results

Similar Description - P1757M-35PGM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4982 STMICROELECTRONICS-TS4982 Datasheet
936Kb / 2P
   Highly-integrated complete 2 W stereo audio subsystem
logo
Protech Systems Co., Lt...
LB-586LF PROTECHSYSTEMS-LB-586LF Datasheet
562Kb / 2P
   Intel짰 Atom??N270 CPU Embedded board
logo
ATMEL Corporation
ATA5790N ATMEL-ATA5790N_14 Datasheet
376Kb / 8P
   Embedded AVR Microcontroller Including Complete LF
logo
Compex Systems Pte. Lte...
WPQ865 COMPEX-WPQ865 Datasheet
1Mb / 4P
   Multi-function IPQ8065 Embedded Board with 1.7GHz CPU
HK01.1 COMPEX-HK01.1 Datasheet
823Kb / 8P
   Multi-function IPQ8074 Embedded Board with 2.2GHz CPU
WPQ864 COMPEX-WPQ864 Datasheet
2Mb / 4P
   Multi-function IPQ8064 Embedded Board with 1.4GHz CPU
logo
BOSER Technology Co., L...
HS-6253 BOSER-HS-6253_1 Datasheet
1Mb / 80P
   VIA C3 800MHz Embedded CPU Industrial Single Board Computer
HS-6252 BOSER-HS-6252_1 Datasheet
1Mb / 90P
   VIA C3 800MHz Embedded CPU Industrial Single Board Computer
logo
Analog Devices
AD7773 AD-AD7773 Datasheet
2Mb / 23P
   LC MOS COMPLETE EMBEDDED SERVO FRONT ENDS FOR HDD
REV. A
AD7775 AD-AD7775_15 Datasheet
1Mb / 23P
   LC MOS COMPLETE EMBEDDED SERVO FRONT ENDS FOR HDD
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com