Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCB1100 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UCB1100
Description  Advanced modem/audio analog front-end
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UCB1100 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UCB1100 Datasheet HTML 3Page - NXP Semiconductors UCB1100 Datasheet HTML 4Page - NXP Semiconductors UCB1100 Datasheet HTML 5Page - NXP Semiconductors UCB1100 Datasheet HTML 6Page - NXP Semiconductors UCB1100 Datasheet HTML 7Page - NXP Semiconductors UCB1100 Datasheet HTML 8Page - NXP Semiconductors UCB1100 Datasheet HTML 9Page - NXP Semiconductors UCB1100 Datasheet HTML 10Page - NXP Semiconductors UCB1100 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Philips Semiconductors
Preliminary specification
UCB1100
Advanced modem/audio analog front-end
1998 May 08
7
5.1
Pinlist
SYMBOL
PINNING
PIN TYPE
RESET
DESCRIPTION
NOTE
SYMBOL
LQFP48
PIN TYPE
STATE
DESCRIPTION
NOTE
vddd
32, 48
supply
digital supply
vssd
5, 37
ground
digital ground
1
vdda1
17
supply
analogue supply
vssa1
18
ground
analogue ground
1
vdda2
10
supply
analogue speaker driver supply
vssa2
7
ground
analogue speaker driver ground
vssa3
26
ground
touch screen switch matrix ground
sibclk
41
CMOS input
SIB serial interface master clock
sibdin
42
CMOS input
SIB data input
sibdout
40
CMOS output
‘0’ / Hi-Z
SIB data output
2
sibsync
39
CMOS input
SIB synchronization
irqout
43
CMOS output
active-High
‘0’
interrupt output
micp
21
analogue input
Hi-Z
microphone signal input
micgnd
20
analogue input
Hi-Z
microphone ground switch input
sprkp
9
analogue output
Hi-Z
positive speaker output
3
spkrn
8
analogue output
Hi-Z
negative speaker output
3
tinp
15
analogue input
Hi-Z
positive telecom codec input
3
tinn
14
analogue input
Hi-Z
negative telecom codec input
3
toutp
11
analogue output
Hi-Z
positive telecom codec output
3
toutn
12
analogue output
Hi-Z
negative telecom codec output
3
ad0–3
25–22
analogue input
Hi-Z
analogue high voltage inputs
tspx
30
analogue IO
Hi-Z
positive X-plate touch screen
tsmx
28
analogue IO
Hi-Z
negative X-plate touch screen
tspy
27
analogue IO
Hi-Z
positive Y-plate touch screen
tsmy
29
analogue IO
Hi-Z
negative Y-plate touch screen
adcsync
4
digital input
adc synchronization pulse input
vrefbyp
16
analogue IO
Hi-Z
external reference voltage input, external filter connection
io0–9
33–36,
45–47,
1–3
CMOS IO
input
general purpose IO pins
nreset
38
CMOS input
active-Low
asynchronous reset input
test
13
CMOS input
‘0’
test mode protection
4
not used
6, 19,
31, 44
not connected pins
NOTES:
1. The vssd and vssa1 pins are connected to each other within the UCB1100.
2. The first 64 bits of the sib frame will be ‘0’, the remaining bits in the sib frame will be Hi-Z.
3. The spkrp/spkrn, tinp/tiln and toup/toutn are differential pairs.
4. The test pin contains a internal pull down. This pin should be connected to vssd in normal mode of the UCB1100.


Similar Part No. - UCB1100

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
UCB10 ALLIED-UCB10 Datasheet
441Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC Datasheet
436Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC Datasheet
439Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC_10 Datasheet
439Kb / 1P
   Ultra Current Beads
UCB10-150T-RC ALLIED-UCB10-150T-RC Datasheet
436Kb / 1P
   Ultra Current Beads
More results

Similar Description - UCB1100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
   Advanced modem/audio analog front-end
1999 Jul 20
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
   Advanced modem/audio analog front-end
1998 Jul 22
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
   Modem Analog Front End
March 2010
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
logo
ams AG
AS3510 AMSCO-AS3510 Datasheet
60Kb / 2P
   Analog Audio Front-End
AS1488 AMSCO-AS1488 Datasheet
875Kb / 20P
   Analog Audio Front End
AS3510 AMSCO-AS3510_04 Datasheet
875Kb / 20P
   ANALOG AUDIO FRONT-END
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com