Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCB1500 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UCB1500
Description  PCI to AC97 bridge/host controller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UCB1500 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UCB1500 Datasheet HTML 7Page - NXP Semiconductors UCB1500 Datasheet HTML 8Page - NXP Semiconductors UCB1500 Datasheet HTML 9Page - NXP Semiconductors UCB1500 Datasheet HTML 10Page - NXP Semiconductors UCB1500 Datasheet HTML 11Page - NXP Semiconductors UCB1500 Datasheet HTML 12Page - NXP Semiconductors UCB1500 Datasheet HTML 13Page - NXP Semiconductors UCB1500 Datasheet HTML 14Page - NXP Semiconductors UCB1500 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
Philips Semiconductors
UCB1500
PCI to AC97 bridge/host controller
Objective specification
Rev. 01 — 4 February 2000
11 of 58
9397 750 06854
© Philips Electronics N.V. 2000. All rights reserved.
[82]: Power Management Capabilities (read only)
Table 12: Power Management Capabilities register bit description
Read only
Bit
Description
15-11(r)
PME support
This 5-bit field indicates the power states in which the function may assert PME.
Value is set to 11001 b if VAUX_AV = 1 to indicate PME can be asserted from
D3cold and D0. If VAUX_AV = 0, this field is set to 01001b to indicate PME can be
asserted from D3hot and D0.
The entire setting can be overwritten by BIOS via writing to 6Ah, or an external
EEPROM. If VAUX_AV = 0, bit 15 shall always be zero. If VAUX = 1, bit 15 shall
reflect the setting of 6Ah, or that loaded from EEPROM.
10(r)
D2 support
This bit is set to ‘0’ to indicate that function does not support the D2 power
management state. This setting can be overwritten by BIOS via 6Ah, or with the
external EEPROM.
9(r)
D1 support
This bit is set to ‘0’ to indicate that function does not support the D1 power
management state. This setting can be overwritten by BIOS via 6Ah, or with the
external EEPROM.
8-6(r)
Aux_Current
These bits are set to ‘0’ for PCI-PM 1.0 compliance. For PCI-PM 1.1 compliance,
these bits are overwritten by BIOS via 6Ah, or loaded from an external EEPROM
to reflect the 3.3VAUX current requirement.
5(r)
DSI
The Device Specific Initialization bit indicates whether special initialization of this
function is required (beyond the standard PCI configuration header) before the
generic class device driver is able to use it. This register is set to ‘0’ to indicate
that it does not require special initialization.
4(r)
Reserved.
3(r)
PME Clock
This bit is a ‘0’, indicating that the function does not rely on the presence of the
PCI clock for PME operation.
2:0(r)
Version
This register is set to 001b, indicating that this function complies with Rev 1.0 of
the
PCI Power Management Interface Specification. These bits can also be
overwritten by BIOS via 6Ah, or loaded from an external EEPROM to 010b for
compliance with PCI-PM 1.1.


Similar Part No. - UCB1500

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
UCB15 ALLIED-UCB15 Datasheet
394Kb / 1P
   nUltra Current Beads
UCB15-101T-RC ALLIED-UCB15-101T-RC Datasheet
387Kb / 1P
   Ultra Current Beads
UCB15-101T-RC ALLIED-UCB15-101T-RC Datasheet
393Kb / 1P
   Ultra Current Beads
UCB15-101T-RC ALLIED-UCB15-101T-RC Datasheet
394Kb / 1P
   nUltra Current Beads
UCB15-121T-RC ALLIED-UCB15-121T-RC Datasheet
387Kb / 1P
   Ultra Current Beads
More results

Similar Description - UCB1500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT6305 ETC-VT6305 Datasheet
220Kb / 35P
   PCI 1394 Host Controller
logo
Prolific Technology Inc...
PL-25A1 PROLIFIC-PL-25A1 Datasheet
237Kb / 1P
   Hi-Speed USB Host to Host Bridge Controller
logo
List of Unclassifed Man...
PL-2501 ETC-PL-2501 Datasheet
40Kb / 1P
   Hi-Speed USB Host to Host Bridge Controller
logo
Prolific Technology Inc...
PL27A1 PROLIFIC-PL27A1 Datasheet
563Kb / 17P
   SuperSpeed USB 3.0 Host-to-Host Bridge Controller
logo
List of Unclassifed Man...
PL2701 ETC2-PL2701 Datasheet
208Kb / 1P
   Super-Speed USB Host to Host Bridge Controller
logo
Intel Corporation
82443BX INTEL-82443BX Datasheet
645Kb / 132P
   Host Bridge/Controller
logo
Pericom Semiconductor C...
PI7C9X440SLBFDE PERICOM-PI7C9X440SLBFDE Datasheet
68Kb / 1P
   PCI Express짰 (PCIe짰) to USB짰 2.0 Host Controller
logo
Agere Systems
USS-344 AGERE-USS-344 Datasheet
850Kb / 54P
   USS-344 QuadraBus Four-Host PCI-to-USB OpenHCL Host Controller
logo
Silicon image
SII3114 SILICONIMAGE-SII3114 Datasheet
695Kb / 2P
   SATALink PCI-X to 4-Port Host Controller
logo
VIA Technologies, Inc.
VT6307 VIA-VT6307 Datasheet
449Kb / 54P
   PCI 1394a-2000 Integrated Host Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com