Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMH3040 Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OMH3040
Description  High Reliability Hallogic Hall-Effect Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OMH3040 Datasheet(HTML) 5 Page - OPTEK Technologies

  OMH3040 Datasheet HTML 1Page - OPTEK Technologies OMH3040 Datasheet HTML 2Page - OPTEK Technologies OMH3040 Datasheet HTML 3Page - OPTEK Technologies OMH3040 Datasheet HTML 4Page - OPTEK Technologies OMH3040 Datasheet HTML 5Page - OPTEK Technologies OMH3040 Datasheet HTML 6Page - OPTEK Technologies OMH3040 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B.1
06/07
Page 5 of 7
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
High Reliability Hallogic Hall-Effect Sensors
OMH090 OMH3019, OMH3020, OMH3040, OMH3075,
OMH3131 (B, S versions)
Notes:
(1) South pole facing symbolized surface.
Electrical Characteristics (VCC = 4.5 V to 24 V, TA = 25° C unless otherwise noted)
OMH3075, OMH3075B, OMH3075S Bi-Polar Latching
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
Magnetic Operate Point(1)
50
25
150
-
250
275
Gauss
+25°C
-55°C & +125°C
BRP
Magnetic Release Point
-250
-275
-150
-
-50
-25
Gauss
+25°C
-55°C & +125°C
BH
Magnetic Hysteresis
100
50
200
-
500
-
Gauss
+25°C
-55°C & +125°C
ICC
Supply Current
-
-
4
-
7
8
mA
+25°C, VCC = 24 V, Output On, B ≤ 250 Gauss
-55°C & +125°C
VOL
Output Saturation Voltage
-
-
-
-
100
-
500
400
400
mV
-55°C
+25°C, VCC = 4.5 V, IOL = 20 mA, B ≥ 250 Gauss
+125°C
IOH
Output Leakage Current
-
0.10
1.0
µA
VCC= 24 V, VOUT = 24 V, B ≤ 250 Gauss
tr
Output Rise Time
-
0.21
1
µs
tf
Output Fall Time
-
0.10
1
µs
RL = 820 Ω, CL = 20 pF, Vcc = 12 V
(guaranteed not tested)
Electrical Characteristics (VCC = 4.5 V to 24 V, TA = 25° C unless otherwise noted)
OMH3131, OMH3131B & OMS3131S Uni-Polar
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
Magnetic Operate Point(1)
20
10
-
-
95
150
Gauss
+25°C
-55°C to +125°C
BRP
Magnetic Release Point
10
5
-
-
85
145
Gauss
+25°C
-55°C to +125°C
BH
Magnetic Hysteresis
5
5
-
-
40
145
Gauss
+25°C
-55°C to +125°C
ICC
Supply Current
-
4
7
mA
VCC = 24 V, Output On, B > 250 Gauss
VOL
Output Saturation Voltage
-
100
400
mV
VCC = 4.5 V, IOL = 15 mA, B ≥ 250 Gauss
IOH
Output Leakage Current
-
0.10
10
µA
VCC = 24 V, VOUT = 24 V, B ≤ 0 Gauss
tr
Output Rise Time
-
0.21
1
µs
tf
Output Fall Time
-
0.10
1
µs
RL = 820 Ω, CL = 20 pF, Vcc = 12 V
(guaranteed not tested)


Similar Part No. - OMH3040

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OMH3040 TTELEC-OMH3040 Datasheet
415Kb / 7P
   High Reliability Hallogic짰 Hall-Effect Sensors
logo
OPTEK Technologies
OMH3040B OPTEK-OMH3040B Datasheet
488Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3040B OPTEK-OMH3040B Datasheet
146Kb / 7P
   High Reliability Hallogic Hall-Effect Sensors
logo
TT Electronics.
OMH3040B TTELEC-OMH3040B Datasheet
415Kb / 7P
   High Reliability Hallogic짰 Hall-Effect Sensors
logo
OPTEK Technologies
OMH3040S OPTEK-OMH3040S Datasheet
488Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
More results

Similar Description - OMH3040

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OMH090 OPTEK-OMH090_14 Datasheet
146Kb / 7P
   High Reliability Hallogic Hall-Effect Sensors
logo
List of Unclassifed Man...
OHN3140 ETC-OHN3140 Datasheet
350Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH360U OPTEK-OH360U Datasheet
330Kb / 2P
   Hallogic hall Effect Sensors
May 1996
OMH360B OPTEK-OMH360B Datasheet
496Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3019B OPTEK-OMH3019B Datasheet
122Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3040B OPTEK-OMH3040B Datasheet
488Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH090B OPTEK-OMH090B Datasheet
101Kb / 2P
   high Reliability Hallogic Hall Effect Sensor
OMH3020B OPTEK-OMH3020B Datasheet
120Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
logo
TT Electronics.
OH090U TTELEC-OH090U Datasheet
689Kb / 10P
   Hallogic Hall-Effect Sensors
logo
List of Unclassifed Man...
OH090U ETC-OH090U Datasheet
290Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com