Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP297B Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OP297B
Description  Plastic Infrared Emitting Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP297B Datasheet(HTML) 5 Page - OPTEK Technologies

  OP297B Datasheet HTML 1Page - OPTEK Technologies OP297B Datasheet HTML 2Page - OPTEK Technologies OP297B Datasheet HTML 3Page - OPTEK Technologies OP297B Datasheet HTML 4Page - OPTEK Technologies OP297B Datasheet HTML 5Page - OPTEK Technologies OP297B Datasheet HTML 6Page - OPTEK Technologies OP297B Datasheet HTML 7Page - OPTEK Technologies OP297B Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
05/07
Page 5 of 8
Plastic Infrared Emitting Diode
OP290 Series
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage(3)
OP290, OP295
OP291, OP296
OP292, OP297
OP293, OP298 (A, B, C)
OP298 (AA, AB, AC, AD)
OP294, OP299
-
-
-
-
-
-
-
-
-
-
-
-
4.00
2.00
1.75
2.00
2.00
1.50
V
IF = 1.50 A
IF = 100 mA
IF = 20 mA
IF = 1.50 A
IF = 100 mA
IF = 5 mA
IR
Reverse Current(3)
OP290, OP292
OP291, OP293, OP298 (A, B, C), OP296
OP298 (AA, AB, AC, AD)
OP294, OP299
OP295, OP297
-
-
-
-
-
-
-
-
-
-
10
100
100
10
10
µA
VR= 5 V
VR= 2 V
VR= 2 V
VR= 2 V
VR= 5 V
λP
Wavelength at Peak Emission
OP290, OP291, OP292, OP293, OP294,
OP295, OP296, OP297, OP298 (A, B, C),
OP299
OP298 (AA, AB, AC, AD)
-
-
890
875
-
-
nm
IF = 10 mA
B
Spectral Bandwidth between Half Power
Points
-
80
-
nm
IF = 10 mA
∆λP /∆T
Spectral Shift with Temperature
-
+0.18
-
nm/°C
IF = Constant
θHP
Emission Angle at Half Power Points
OP290, OP291, OP292, OP294
OP293
OP295, OP296, OP297, OP299
OP298
-
-
-
-
50
60
20
25
-
-
-
-
Degree IF = 20 mA
tr
Output Rise Time
-
500
-
ns
IF(PK)=100 mA, PW=10 µs, and
D.C.=10.0%
tf
Output Fall Time
-
250
-
ns


Similar Part No. - OP297B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP297B OPTEK-OP297B Datasheet
290Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP297B TTELEC-OP297B Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP297B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com