Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3979 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK3979
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3979 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK3979 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3979 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3979 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3979 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3979
No. A0263-3/4
IT10512
10
2
3
5
7
2
3
5
7
2
3
5
2
3
5
7
0.1
1.0
0.01
0.1
23
5 7
23
5 7
23
23
57
1.0
10
100
Operation in this
area is limited by RDS(on).
IDP=24A
ID=6A
10µ
s
1ms
100
µ
s
100ms
DC
operation
(T
c=25
°C
)
10ms
02
46
8
20
12
10
16
18
14
0
1
2
3
4
5
6
7
8
9
10
IT10511
VDS=100V
ID=6A
VGS -- Qg
A S O
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
yfs -- ID
IS -- VSD
SW Time -- ID
Ciss, Coss, Crss -- VDS
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Tc=25
°C
Single pulse
7
5
10
5
3
2
7
100
5
3
2
7
IT10509
IT10507
0.01
0.1
23
5
2
7
1.0
35
2
7
10
35
7
0
5
10
15
20
25
30
100
7
5
3
2
3
1000
7
5
2
3
2
IT10510
IT10508
0.3
0.4
0.7
0.9
0.5
0.8
1.0
0.6
1.1
0.01
0.1
7
5
3
2
2
1.0
7
5
3
2
VGS=0V
td(on)
td(off)
tf
tr
VDD=100V
VGS=10V
Ciss
Coss
Crss
f=1MHz
0.01
0.1
0.1
23
5
7
2
1.0
35
7
2
10
35
7
1.0
7
5
3
10
7
5
3
2
2
VDS=10V
75
°C 25
°C
Ta=
--25
°C
IT10506
02468
24
10
12
14
16
20
18
22
IT10505
700
500
600
0
100
200
300
400
Ta=25
°C
VDS=10V
--60
0
300
200
100
700
400
500
600
--40
--20
0
20
40
60
80
100
120
140
160
I D
=3A,
V GS
=10V
10
7
5
3
1000
3
2


Similar Part No. - 2SK3979

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3979-D ISC-2SK3979-D Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3979-I ISC-2SK3979-I Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3979

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com