Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1330A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UDA1330A
Description  Low-cost stereo filter DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1330A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UDA1330A Datasheet HTML 4Page - NXP Semiconductors UDA1330A Datasheet HTML 5Page - NXP Semiconductors UDA1330A Datasheet HTML 6Page - NXP Semiconductors UDA1330A Datasheet HTML 7Page - NXP Semiconductors UDA1330A Datasheet HTML 8Page - NXP Semiconductors UDA1330A Datasheet HTML 9Page - NXP Semiconductors UDA1330A Datasheet HTML 10Page - NXP Semiconductors UDA1330A Datasheet HTML 11Page - NXP Semiconductors UDA1330A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2000 Apr 18
8
Philips Semiconductors
Preliminary specification
Low-cost stereo filter DAC
UDA1330ATS
L3 INTERFACE
The following system and digital sound processing
features can be controlled in the L3 mode of the
UDA1330ATS:
• System clock frequency
• Data input format
• De-emphasis for 32, 44.1 and 48 kHz
• Volume
• Soft mute.
The exchange of data and control information between the
microcontroller and the UDA1330ATS is accomplished
through a serial interface comprising the following signals:
• L3DATA
• L3MODE
• L3CLOCK.
Information transfer through the microcontroller bus is
organized in accordance with the L3 interface format, in
which two different modes of operation can be
distinguished: address mode and data transfer mode.
Address mode
The address mode (see Fig.4) is required to select a
device communicating via the L3 interface and to define
the destination registers for the data transfer mode.
Data bits 7 to 2 represent a 6-bit device address where
bit 7 is the MSB. The address of the UDA1330ATS is
000101 (bit 7 to bit 2). If the UDA1330ATS receives a
different address, it will deselect its microcontroller
interface logic.
Data transfer mode
The selected address remains active during subsequent
data transfers until the UDA1330ATS receives a new
address command.
The fundamental timing of data transfers (see Fig.5) is
essentially the same as the address mode. The maximum
input clock frequency and data rate is 64fs.
Data transfer can only be in one direction, consisting of
input to the UDA1330ATS to program sound processing
and other functional features. All data transfers are by 8-bit
bytes. Data will be stored in the UDA1330ATS after
reception of a complete byte.
A multibyte transfer is illustrated in Fig.6.
Registers
The sound processing and other feature values are stored
in independent registers. The first selection of the registers
is achieved by the choice of data type that is transferred.
This is performed in the address mode using bit 1 and bit 0
(see Table 5).
Table 5
Selection of data transfer
The second selection is performed by the 2 MSBs of the
data byte (bit 7 and bit 6). The other bits in the data byte
(bit 5 to bit 0) represent the value that is placed in the
selected registers.
The ‘status’ settings are given in Table 6 and the ‘data’
settings are given in Table 7.
BIT 1
BIT 0
TRANSFER
0
0
data (volume, de-emphasis, mute)
0
1
not used
1
0
status (system clock frequency,
data input format)
1
1
not used


Similar Part No. - UDA1330A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1330ATS PHILIPS-UDA1330ATS_15 Datasheet
173Kb / 23P
   Low-cost stereo filter DAC
2001 Feb 02
More results

Similar Description - UDA1330A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1330ATS PHILIPS-UDA1330ATS_15 Datasheet
173Kb / 23P
   Low-cost stereo filter DAC
2001 Feb 02
UDA1320ATS PHILIPS-UDA1320ATS Datasheet
102Kb / 20P
   Low-cost stereo filter DAC
2000 Jan 10
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
   Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
   Low Cost 16-Bit Stereo Audio DAC
logo
NXP Semiconductors
UDA1324TS PHILIPS-UDA1324TS Datasheet
107Kb / 20P
   Ultra low-voltage stereo filter DAC
2000 Jan 20
UDA1431T PHILIPS-UDA1431T Datasheet
96Kb / 17P
   16-bit, 48 kHz, low-cost stereo current DAC
Rev. 04-30 May 2006
logo
MOSA ELECTRONICS
MS6331 MOSA-MS6331_1 Datasheet
217Kb / 9P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6331 MOSA-MS6331 Datasheet
227Kb / 7P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com