Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1334ATS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UDA1334ATS
Description  Low power audio DAC with PLL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1334ATS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UDA1334ATS Datasheet HTML 2Page - NXP Semiconductors UDA1334ATS Datasheet HTML 3Page - NXP Semiconductors UDA1334ATS Datasheet HTML 4Page - NXP Semiconductors UDA1334ATS Datasheet HTML 5Page - NXP Semiconductors UDA1334ATS Datasheet HTML 6Page - NXP Semiconductors UDA1334ATS Datasheet HTML 7Page - NXP Semiconductors UDA1334ATS Datasheet HTML 8Page - NXP Semiconductors UDA1334ATS Datasheet HTML 9Page - NXP Semiconductors UDA1334ATS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
2000 Jul 31
6
Philips Semiconductors
Product specification
Low power audio DAC with PLL
UDA1334ATS
7
PINNING
Note
1. Because of test issues these pads are not 5 V tolerant and both pads should be at power supply voltage level or at
a maximum of 0.5 V above that level.
SYMBOL
PIN
PAD TYPE
DESCRIPTION
BCK
1
5 V tolerant digital input pad
bit clock input
WS
2
5 V tolerant digital input pad
word select input
DATAI
3
5 V tolerant digital input pad
serial data input
VDDD
4
digital supply pad
digital supply voltage
VSSD
5
digital ground pad
digital ground
SYSCLK/PLL1
6
5 V tolerant digital input pad
system clock input in video mode/PLL
mode control 1 input in audio mode
SFOR1
7
5 V tolerant digital input pad
serial format select 1 input
MUTE
8
5 V tolerant digital input pad
mute control input
DEEM/CLKOUT
9
5 V tolerant digital input/output pad
de-emphasis control input in audio
mode/clock output in video mode
PLL0
10
3-level input pad; note 1
PLL mode control 0 input
SFOR0
11
digital input pad; note 1
serial format select 0 input
Vref(DAC)
12
analog pad
DAC reference voltage
VDDA
13
analog supply pad
DAC analog supply voltage
VOUTL
14
analog output pad
DAC output left
VSSA
15
analog ground pad
DAC analog ground
VOUTR
16
analog output pad
DAC output right
handbook, halfpage
UDA1334ATS
MGL972
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VOUTR
BCK
VSSA
WS
VOUTL
DATAI
VDDA
VDDD
Vref(DAC)
VSSD
SFOR0
SYSCLK/PLL1
PLL0
SFOR1
DEEM/CLKOUT
MUTE
Fig.2 Pin configuration.


Similar Part No. - UDA1334ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1334ATS NXP-UDA1334ATS Datasheet
170Kb / 22P
   Low power audio DAC with PLL
2000 Jul 31
UDA1334ATS PHILIPS-UDA1334ATS_15 Datasheet
170Kb / 22P
   Low power audio DAC with PLL
2000 Jul 31
More results

Similar Description - UDA1334ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1334ATS PHILIPS-UDA1334ATS_15 Datasheet
170Kb / 22P
   Low power audio DAC with PLL
2000 Jul 31
UDA1334ATS NXP-UDA1334ATS Datasheet
170Kb / 22P
   Low power audio DAC with PLL
2000 Jul 31
UDA1334TS PHILIPS-UDA1334TS Datasheet
95Kb / 20P
   Low power audio DAC
1999 Nov 11
UDA1334BTS NXP-UDA1334BTS Datasheet
169Kb / 22P
   Low power audio DAC
2000 Jul 31
UDA1334BT PHILIPS-UDA1334BT Datasheet
108Kb / 24P
   Low power audio DAC
2002 May 22
UDA1334BTS PHILIPS-UDA1334BTS Datasheet
98Kb / 20P
   Low power audio DAC
2000 Feb 07
UDA1334BTS PHILIPS-UDA1334BTS_15 Datasheet
169Kb / 22P
   Low power audio DAC
2000 Jul 31
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com