Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1334ATS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UDA1334ATS
Description  Low power audio DAC with PLL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1334ATS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UDA1334ATS Datasheet HTML 5Page - NXP Semiconductors UDA1334ATS Datasheet HTML 6Page - NXP Semiconductors UDA1334ATS Datasheet HTML 7Page - NXP Semiconductors UDA1334ATS Datasheet HTML 8Page - NXP Semiconductors UDA1334ATS Datasheet HTML 9Page - NXP Semiconductors UDA1334ATS Datasheet HTML 10Page - NXP Semiconductors UDA1334ATS Datasheet HTML 11Page - NXP Semiconductors UDA1334ATS Datasheet HTML 12Page - NXP Semiconductors UDA1334ATS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2000 Jul 31
9
Philips Semiconductors
Product specification
Low power audio DAC with PLL
UDA1334ATS
8.6
Feature settings
8.6.1
DIGITAL INTERFACE FORMAT SELECT
The digital audio interface formats (see Fig.5) can be
selected via pins SFOR1 and SFOR0 as shown in
Table 4.
For the digital audio interface holds that the
BCK frequency can be maximum 64 times WS frequency.
The WS signal must change at the negative edge of the
BCK signal for all digital audio formats.
Table 4
Data format selection
8.6.2
DE-EMPHASIS CONTROL
This function is only available in audio mode. In that case,
pin DEEM/CLKOUT can be used to activate the digital
de-emphasis for 44.1 kHz as given in Table 5.
Table 5
De-emphasis control (audio mode)
8.6.3
MUTE CONTROL
The output signal can be soft muted by setting pin MUTE
to HIGH as given in Table 6.
Table 6
Mute control
SFOR1
SFOR0
INPUT FORMAT
LOW
LOW
I2S-bus input
LOW
HIGH
LSB-justified 16 bits input
HIGH
LOW
LSB-justified 20 bits input
HIGH
HIGH
LSB-justified 24 bits input
DEEM/CLKOUT
FUNCTION
LOW
de-emphasis off
HIGH
de-emphasis on
MUTE
FUNCTION
LOW
mute off
HIGH
mute on


Similar Part No. - UDA1334ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1334ATS NXP-UDA1334ATS Datasheet
170Kb / 22P
   Low power audio DAC with PLL
2000 Jul 31
UDA1334ATS PHILIPS-UDA1334ATS_15 Datasheet
170Kb / 22P
   Low power audio DAC with PLL
2000 Jul 31
More results

Similar Description - UDA1334ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1334ATS PHILIPS-UDA1334ATS_15 Datasheet
170Kb / 22P
   Low power audio DAC with PLL
2000 Jul 31
UDA1334ATS NXP-UDA1334ATS Datasheet
170Kb / 22P
   Low power audio DAC with PLL
2000 Jul 31
UDA1334TS PHILIPS-UDA1334TS Datasheet
95Kb / 20P
   Low power audio DAC
1999 Nov 11
UDA1334BTS NXP-UDA1334BTS Datasheet
169Kb / 22P
   Low power audio DAC
2000 Jul 31
UDA1334BT PHILIPS-UDA1334BT Datasheet
108Kb / 24P
   Low power audio DAC
2002 May 22
UDA1334BTS PHILIPS-UDA1334BTS Datasheet
98Kb / 20P
   Low power audio DAC
2000 Feb 07
UDA1334BTS PHILIPS-UDA1334BTS_15 Datasheet
169Kb / 22P
   Low power audio DAC
2000 Jul 31
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com