Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3248 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # CPH3248
Description  NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3248 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  CPH3248 Datasheet HTML 1Page - Sanyo Semicon Device CPH3248 Datasheet HTML 2Page - Sanyo Semicon Device CPH3248 Datasheet HTML 3Page - Sanyo Semicon Device CPH3248 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPH3248
No. A0401-1/4
Applications
DC / DC converters, relay drivers, lamp drivers, motor drivers, inverters.
Features
Adoption of FBET, MBIT processes.
Large current capacitance.
Low collector-to-emitter saturation voltage.
High-speed switching.
Ultrasmall package permitting applied sets to be small and slim (mounting height: 0.9mm).
High allowable power dissipation.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
120
V
Collector-to-Emitter Voltage
VCES
120
V
Collector-to-Emitter Voltage
VCEO
100
V
Emitter-to-Base Voltage
VEBO
6.5
V
Collector Current
IC
2A
Collector Current (Pulse)
ICP
3A
Base Current
IB
400
mA
Collector Dissipation
PC
Mounted on a ceramic board (600mm2!0.8mm)
0.9
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=80V, IE=0A
1
µA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1
µA
DC Current Gain
hFE
VCE=5V, IC=100mA
300
600
Gain-Bandwidth Product
fT
VCE=10V, IC=300mA
300
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
13
pF
Marking : DT
Continued on next page.
Ordering number : ENA0401
82306 / 60506EA MS IM TB-00002344
CPH3248
NPN Epitaxial Planar Silicon Transistor
High-Voltage Switching Applications
SANYO Semiconductors
DATA SHEET
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


Similar Part No. - CPH3248

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3240 SANYO-CPH3240 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
logo
ON Semiconductor
CPH3240-TL-E ONSEMI-CPH3240-TL-E Datasheet
652Kb / 7P
   Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
CPH3243 SANYO-CPH3243 Datasheet
66Kb / 4P
   CPH3143 / CPH3243
CPH3244 SANYO-CPH3244 Datasheet
44Kb / 4P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3245 SANYO-CPH3245 Datasheet
47Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
More results

Similar Description - CPH3248

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
PCP1202 SANYO-PCP1202 Datasheet
59Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6096 SANYO-2SC6096 Datasheet
41Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6099 SANYO-2SC6099 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6095 SANYO-2SC6095 Datasheet
43Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3251 SANYO-CPH3251 Datasheet
56Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3252 SANYO-CPH3252 Datasheet
56Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1201 SANYO-PCP1201 Datasheet
59Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1201 SANYO-SFT1201 Datasheet
62Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1202 SANYO-SFT1202 Datasheet
62Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6144 SANYO-2SC6144 Datasheet
62Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com