Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBL1607-10RJI Datasheet(PDF) 5 Page - Welwyn Components Limited

Part # CBL1607-10RJI
Description  Tubular Vitreous Enamelled Wirewound Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

CBL1607-10RJI Datasheet(HTML) 5 Page - Welwyn Components Limited

  CBL1607-10RJI Datasheet HTML 1Page - Welwyn Components Limited CBL1607-10RJI Datasheet HTML 2Page - Welwyn Components Limited CBL1607-10RJI Datasheet HTML 3Page - Welwyn Components Limited CBL1607-10RJI Datasheet HTML 4Page - Welwyn Components Limited CBL1607-10RJI Datasheet HTML 5Page - Welwyn Components Limited CBL1607-10RJI Datasheet HTML 6Page - Welwyn Components Limited CBL1607-10RJI Datasheet HTML 7Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
123
Issue E · 10.05
Welwyn Components
Maximum*
Maximum*
Maximum*
total
resistance
number
dissipation
with single
of taps
in 20°C
tap
ambient
(ohms)
(watts) with
Type
single tap
1905
14.5
9k
1
1600
15.0
12k
1
1602
15.5
9k
1
1906
19.0
13k
1
1603
22
18k
1
1604
31
29k
2
1605
41
34k
2
1908
47
38k
2
1607
66
53k
2
1606
80
78k
4
1608
101
93k
4
1609
145
140k
4
Tapped Resistors See Figure 10
Fixed resistors can be supplied with taps to special order.
Because of the reduced winding length, the total resistance of
a tapped resistor will be less than can be offered on a fixed
resistor of the same size. The reduction is proportional to the
number of taps and Table 5 is intended as a guide.
The minimum resistance per section on all sizes is 1
Ω and the
standard selection tolerance for any section is ±10%
Ordering Procedure
Enquiries for tapped resistors must state the following details:
Resistance per section
Maximum dissipation per section
Maximum operating ambient temperature
Maximum permissible dimensions if important
Type of terminations required. (See ‘Terminations’, page 3)
Resistor style or proposed method of mounting.
Table 5
*Maximum total dissipation assumes that this will be
evenly spread over the total element length.
Low Inductance Resistors
Ayrton-Perry wound elements are supplied for low inductance
applications. This winding style has a maximum permissible
hot spot temperature of 300°C. The maximum dissipation is
defined in Table 1 under the heading Operating hot spot
temperature of 300°C, and resistance ranges are defined in
the three right-hand columns of this table.
Application Notes
When cold, vitreous enamel has excellent insulation resistance.
In common with all insulants the specific resistance of the
enamel decreases with increased temperature; therefore, if
operated at any temperature approaching the maximum, the
resistor cannot be classed as an insulated type and should not
be used in contact with any conducting materials.
The recommended dissipations for each of the resistor hot
spot temperatures applies to resistors mounted horizontally. If
the bore is completely blocked a 15% derating is
recommended. However, wherever possible, resistors should
be mounted vertically with unobstructed bore.
This makes best use of the chimney effect of the heated tube
and will encourage a cooling stream of air through the bore.
Allowances must be made, when tubular resistors are mounted
in banks, for the effects produced by radiation between tubes.
Appreciable reduction of hot spot temperature can be
achieved by arranging that resistors are subjected to some
measure of forced draught. In general, it is most efficient to
extract air from the resistor enclosure and arrange that an air
inlet is adjacent to the bottom of the tubes.
If soft soldered connections are used the resistors should be derated
where applicable to limit the hot spot temperature to 300°C.


Similar Part No. - CBL1607-10RJI

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CBL1608T100KR TAIYO-YUDEN-CBL1608T100KR Datasheet
274Kb / 11P
   WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
CBL1608T100MR TAIYO-YUDEN-CBL1608T100MR Datasheet
274Kb / 11P
   WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
CBL1608T101KR TAIYO-YUDEN-CBL1608T101KR Datasheet
274Kb / 11P
   WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
CBL1608T101MR TAIYO-YUDEN-CBL1608T101MR Datasheet
274Kb / 11P
   WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
CBL1608T1R0KR TAIYO-YUDEN-CBL1608T1R0KR Datasheet
274Kb / 11P
   WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
More results

Similar Description - CBL1607-10RJI

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
1600 TTELEC-1600_17 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
V700 WELWYN-V700 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com