Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWF1607-10RJI Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # AWF1607-10RJI
Description  Tubular Vitreous Enamelled Wirewound Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

AWF1607-10RJI Datasheet(HTML) 2 Page - Welwyn Components Limited

  AWF1607-10RJI Datasheet HTML 1Page - Welwyn Components Limited AWF1607-10RJI Datasheet HTML 2Page - Welwyn Components Limited AWF1607-10RJI Datasheet HTML 3Page - Welwyn Components Limited AWF1607-10RJI Datasheet HTML 4Page - Welwyn Components Limited AWF1607-10RJI Datasheet HTML 5Page - Welwyn Components Limited AWF1607-10RJI Datasheet HTML 6Page - Welwyn Components Limited AWF1607-10RJI Datasheet HTML 7Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
*The stated dissipation applies to resistors mounted horizontally with unobstructed bore.
Performance Data
*Dissipation (watts) to
Resistance range (ohms)
Limiting
Low inductance
produce operating
element
winding resistance
hotspot temperature (°C) of:
voltage
range (ohms)
Ambient = 20°C
Ambient
Minimum
Termination
Min. res. at
= 70°C
resistance at
style
Type
Max. at
Max. at
any
either
200
300
375
375
±5%
±2%
±1%
tolerance
C
All others
±10%
±5%
tolerance
1601
5
10
14
11
1
15
25
15k
250
150
10
50
1.3k
1905
7
14.5
20
16
1
15
30
30k
-
450
10
50
3.5k
1600
7.5
15
21
16.5
1
15
30
56k
-
600
10
50
5.0k
1602
8
15.5
22
17
1
20
25
43k
500
350
10
50
4.0k
1906
9.5
19
28
22
1
20
30
50k
700
550
10
50
5.5k
1603
11
22
32
25
1
20
30
83k
850
750
10
50
7.5k
1604
15.5
31
45
35
1
20
60
100k
1300
1000
15
50
11.5k
1605
21
41
59
47
1
30
40
100k
1100
900
15
50
14k
1908
24
47
68
54
1
30
40
100k
1200
1000
10
50
16k
1607
34
66
95
76
1
30
50
100k
1300
900
15
50
22k
1606
41
80
115
91
1
30
40
160k
2100
1900
15
50
32k
1608
52
101
145
115
1
30
50
180k
2100
1800
20
50
38k
1609
74
145
208
165
1
35
50
250k
3000
2500
30
100
58k
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
122
Issue E · 10.05
Welwyn Components
Max
Typ
Load : 1000 hours at 70°C
∆R%
5.0
3.5
Shelf life : 12 months at room temperature
∆R%
1.0
0.1
Climatic
∆R%
0.5
0.35
Long term damp heat
∆R%
0.2
0.05
Bump and vibration
∆R%
0.1
0.02
Noise (in a decade of frequency)
∆R%
zero
zero
Pulse Handling Data
Available by request
Electrical Data (continued)
Table 1


Similar Description - AWF1607-10RJI

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
1600 TTELEC-1600_17 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
V700 WELWYN-V700 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com