Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C132BV18 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C132BV18
Description  RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C132BV18 Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY7C132BV18 Datasheet HTML 1Page - Cypress Semiconductor CY7C132BV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C132BV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C132BV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C132BV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C132BV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C132BV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C132BV18 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document #: 001-06217 Rev. *C
Page 7 of 8
References
All 90nm QDRI/DDRI/QDRII/DDRII datasheets:-
Table 5. List of Datasheet spec# for the Affected devices
Spec#
Part#
Density
Architecture
38-05628
CY7C1304DV25
9-MBIT
QDR(TM) SRAM 4-WORD BURST
38-05632
CY7C1308DV25
9-MBIT
DDR-I SRAM 4-WORD BURST
001-00350
CY7C1292DV18/1294DV18
9-MBIT
QDR- II(TM) SRAM 2-WORD BURST
38-05621
CY7C1316BV18/1916BV18/1318BV18/1320BV18
18-MBIT
DDR-II SRAM 2-WORD BURST
38-05622
CY7C1317BV18/1917BV18/1319BV18/1321BV18
18-MBIT
DDR-II SRAM 4-WORD BURST
38-05623
CY7C1392BV18/1393BV18/1394BV18
18-MBIT
DDR-II SIO SRAM 2-WORD BURST
38-05631
CY7C1323BV25
18-MBIT
DDR-I SRAM 4-WORD BURST
38-05630
CY7C1305BV25/1307BV25
18-MBIT
QDR(TM) SRAM 4-WORD BURST
38-05627
CY7C1303BV25/1306BV25
18-MBIT
QDR(TM) SRAM 2-WORD BURST
38-05629
CY7C1305BV18/1307BV18
18-MBIT
QDR(TM) SRAM 4-WORD BURST
38-05626
CY7C1303BV18/1306BV18
18-MBIT
QDR(TM) SRAM 2-WORD BURST
38-05619
CY7C1310BV18/1910BV18/1312BV18/1314BV18
18-MBIT
QDR - II (TM) SRAM 2-WORD BURST
38-05620
CY7C1311BV18/1911BV18/1313BV18/1315BV18
18-MBIT
QDR - II SRAM 4-WORD BURST
38-05615
CY7C1410AV18/1425AV18/1412AV18/
1414AV18
36-MBIT
QDR-II(TM) SRAM 2-WORD BURST
38-05614
CY7C1411AV18/1426AV18/1413AV18/
1415AV18
36-MBIT
QDR(TM)-II SRAM 4-WORD BURST
38-05616
CY7C1416AV18/1427AV18/1418AV18/1420AV18
36-MBIT
DDR-II SRAM 2-WORD BURST
38-05618
CY7C1417AV18/1428AV18/1419AV18/1421AV18
36-MBIT
DDR-II SRAM 4-WORD BURST
38-05617
CY7C1422AV18/1429AV18/1423AV18/1424AV18
36-MBIT
DDR-II SIO SRAM 2-WORD BURST
38-05489
CY7C1510V18/1525V18/1512V18/1514V18
72-MBIT
QDR-II SRAM 2-WORD BURST
38-05363
CY7C1511V18/1526V18/1513V18/1515V18
72-MBIT
QDR(TM)-II SRAM 4-WORD BURST
38-05563
CY7C1516V18/1527V18/1518V18/1520V18
72-MBIT
DDR-II SRAM 2-WORD BURST
38-05565
CY7C1517V18/1528V18/1519V18/1521V18
72-MBIT
DDR-II SRAM 4-WORD BURST
38-05564
CY7C1522V18/1529V18/1523V18/1524V18
72-MBIT
DDR-II SIO SRAM 2-WORD BURST


Similar Part No. - CY7C132BV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132 Datasheet
339Kb / 18P
   2Kx8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132 Datasheet
443Kb / 15P
   2K x 8 Dual-Port Static RAM High speed access: 15 ns
More results

Similar Description - CY7C132BV18

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
   DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
   DDR I/II Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
   Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
XRP2997 EXAR-XRP2997_12 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com