Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4346-CZZ Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4346-CZZ
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4346-CZZ Datasheet(HTML) 4 Page - Cirrus Logic

  CS4346-CZZ Datasheet HTML 1Page - Cirrus Logic CS4346-CZZ Datasheet HTML 2Page - Cirrus Logic CS4346-CZZ Datasheet HTML 3Page - Cirrus Logic CS4346-CZZ Datasheet HTML 4Page - Cirrus Logic CS4346-CZZ Datasheet HTML 5Page - Cirrus Logic CS4346-CZZ Datasheet HTML 6Page - Cirrus Logic CS4346-CZZ Datasheet HTML 7Page - Cirrus Logic CS4346-CZZ Datasheet HTML 8Page - Cirrus Logic CS4346-CZZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
DS613F1
CS4344/5/6/8
1. PIN DESCRIPTIONS
Pin Name
#
Pin Description
SDIN
1
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
DEM/SCLK
2
De-Emphasis/External Serial Clock Input (Input) - used for de-emphasis filter control or external serial
clock input.
LRCK
3
Left Right Clock (Input) - Determines which channel, Left or Right, is currently active on the serial audio
data line.
MCLK
4
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
VQ
5
Quiescent Voltage (Output) - Filter connection for internal quiescent voltage.
FILT+
6
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling
circuits.
AOUTL
7
Left Channel Analog Output (Output) - The full scale analog output level is specified in the Analog Char-
acteristics specification table.
GND
8
Ground (Input) - ground reference.
VA
9
Analog Power (Input) - Positive power for the analog and digital sections.
AOUTR
10
Right Channel Analog Output (Output) - The full scale analog output level is specified in the Analog
Characteristics specification table.
SDIN
AOUTR
DEM/SCLK
VA
LRCK
GND
MCLK
AOUTL
VQ
FILT+
1
2
3
4
5
6
7
8
9
10


Similar Part No. - CS4346-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4346-CZZ CIRRUS-CS4346-CZZ Datasheet
882Kb / 23P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
More results

Similar Description - CS4346-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4344 CIRRUS-CS4344 Datasheet
882Kb / 23P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo
logo
Suzhou Everest Semicond...
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
   10-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com