Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C141BV18 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C141BV18
Description  RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C141BV18 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C141BV18 Datasheet HTML 1Page - Cypress Semiconductor CY7C141BV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C141BV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C141BV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C141BV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C141BV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C141BV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C141BV18 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Errata Revision: *C
May 02, 2007
RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
CY7C129*DV18/CY7C130*DV25
CY7C130*BV18/CY7C130*BV25/CY7C132*BV25
CY7C131*BV18 / CY7C132*BV18/CY7C139*BV18
CY7C191*BV18/CY7C141*AV18 / CY7C142*AV18/
CY7C151*V18 /CY7C152*V18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06217 Rev. *C
Revised:- May 02, 2007
This document describes the DOFF issue for QDRII/DDRII and the Output Buffer and JTAG issues for
QDRI/DDRI/QDRII/DDRII. Details include trigger conditions, possible workarounds and silicon revision applicability.
This document should be used to compare to the respective datasheet for the devices to fully describe the device
functionality.
Please contact your local Cypress Sales Representative for availability of the fixed devices and any other questions.
Devices Affected
Table 1.
List of Affected devices
Product Status
All of the above densities and revisions are available in sample as well as production quantities.
QDR/DDR DOFF Pin, Output Buffer and JTAG Issues Errata Summary
The following table defines the issues and the fix status for the different devices which are affected.
Density & Revision
Part Numbers
Architecture
9Mb - Ram9(90 nm)
CY7C130*DV25
QDRI/DDRI
9Mb - Ram9(90 nm)
CY7C129*DV18
QDRII
18Mb - Ram9(90nm)
CY7C130*BV18
CY7C130*BV25
CY7C132*BV25
QDRI/DDRI
18Mb - Ram9(90nm)
CY7C131*BV18
CY7C132*BV18
CY7C139*BV18
CY7C191*BV18
QDRII/DDRII
36Mb - Ram9(90nm)
CY7C141*AV18
CY7C142*AV18
QDRII/DDRII
72Mb -Ram9(90nm)
CY7C151*V18
CY7C152*V18
QDRII/DDRII
Item
Issue
Device
Fix Status
1.
DOFF pin is used for enabling/dis-
abling the DLL circuitry within the
SRAM. To enable the DLL circuitry,
DOFF pin must be externally tied
HIGH. The QDR-II/DDR-II devices
have an internal pull down resistor of
~5K
. The value of the external pull-
up resistor should be 500
or less in
order to ensure DLL is enabled.
9Mb - “D” Rev - Ram9
18Mb - “B” Rev - Ram9
36Mb - “A” Rev - Ram9
72Mb - Ram9
QDR-II/DDR-II Devices
The fix involved removing the in-
ternal pull-down resistor on the
DOFF pin. The fix has been im-
plemented on the new revision
and is now available.


Similar Part No. - CY7C141BV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C141 CYPRESS-CY7C141 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
CY7C141 CYPRESS-CY7C141 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C141-15JC CYPRESS-CY7C141-15JC Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
CY7C141-15JC CYPRESS-CY7C141-15JC Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C141-15NC CYPRESS-CY7C141-15NC Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
More results

Similar Description - CY7C141BV18

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
   DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
   DDR I/II Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
   Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
XRP2997 EXAR-XRP2997_12 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com