Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3148 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # CPH3148
Description  PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3148 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  CPH3148 Datasheet HTML 1Page - Sanyo Semicon Device CPH3148 Datasheet HTML 2Page - Sanyo Semicon Device CPH3148 Datasheet HTML 3Page - Sanyo Semicon Device CPH3148 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPH3148
No. A0436-1/4
Applications
DC / DC converters, relay drivers, lamp drivers, motor drivers.
Features
Adoption of FBET, MBIT processes.
Large current capacitance.
Low collector-to-emitter saturation voltage.
High-speed switching.
Ultrasmall package permitting applied sets to be small and slim (mounting height: 0.9mm).
High allowable power dissipation.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--100
V
Collector-to-Emitter Voltage
VCES
--100
V
Collector-to-Emitter Voltage
VCEO
--100
V
Emitter-to-Base Voltage
VEBO
--7
V
Collector Current
IC
--2
A
Collector Current (Pulse)
ICP
--3
A
Base Current
IB
--400
mA
Collector Dissipation
PC
Mounted on a ceramic board (600mm2!0.8mm)
0.9
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=--80V, IE=0A
--1
µA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0A
--1
µA
DC Current Gain
hFE
VCE=--5V, IC=--100mA
200
400
Gain-Bandwidth Product
fT
VCE=--10V, IC=--500mA
260
MHz
Output Capacitance
Cob
VCB=--10V, f=1MHz
20
pF
Marking : BP
Continued on next page.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0436
71006EA MS IM TC-00000050
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
SANYO Semiconductors
DATA SHEET
CPH3148
PNP Epitaxial Planar Silicon Transistor
High-Voltage Switching Applications


Similar Part No. - CPH3148

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
logo
ON Semiconductor
CPH3140-TL-E ONSEMI-CPH3140-TL-E Datasheet
652Kb / 7P
   Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
CPH3143 SANYO-CPH3143 Datasheet
66Kb / 4P
   CPH3143 / CPH3243
CPH3144 SANYO-CPH3144 Datasheet
44Kb / 4P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3144 SANYO-CPH3144 Datasheet
64Kb / 4P
   DC / DC Converter Applications
More results

Similar Description - CPH3148

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3152 SANYO-CPH3152 Datasheet
58Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1102 SANYO-PCP1102 Datasheet
59Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1101 SANYO-PCP1101 Datasheet
60Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3151 SANYO-CPH3151 Datasheet
57Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SA2204 SANYO-2SA2204 Datasheet
44Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SA2205 SANYO-2SA2205 Datasheet
44Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1101 SANYO-SFT1101 Datasheet
62Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1102 SANYO-SFT1102 Datasheet
62Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2192 SANYO-2SA2192 Datasheet
45Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com