Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1342 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UDA1342
Description  Audio CODEC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1342 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UDA1342 Datasheet HTML 3Page - NXP Semiconductors UDA1342 Datasheet HTML 4Page - NXP Semiconductors UDA1342 Datasheet HTML 5Page - NXP Semiconductors UDA1342 Datasheet HTML 6Page - NXP Semiconductors UDA1342 Datasheet HTML 7Page - NXP Semiconductors UDA1342 Datasheet HTML 8Page - NXP Semiconductors UDA1342 Datasheet HTML 9Page - NXP Semiconductors UDA1342 Datasheet HTML 10Page - NXP Semiconductors UDA1342 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
2000 Mar 29
7
Philips Semiconductors
Preliminary specification
Audio CODEC
UDA1342TS
7
PINNING
SYMBOL
PIN
TYPE
DESCRIPTION
VSSA(ADC)
1
analog ground pad
ADC analog ground
VINL1
2
analog input pad
ADC input left 1
VDDA(ADC)
3
analog supply pad
ADC analog supply voltage
VINR1
4
analog input pad
ADC input right 1
VADCN
5
analog pad
ADC reference voltage N
VINL2
6
analog input pad
ADC input left 2
VADCP
7
analog pad
ADC reference voltage P
VINR2
8
analog input pad
ADC input right 2
IPSEL
9
5 V tolerant digital input pad
channel select input: input left 1 and right 1 or
input left 2 and right 2
VDDD
10
digital supply pad
digital supply voltage
VSSD
11
digital ground pad
digital ground
SYSCLK
12
5 V tolerant digital input pad
system clock input: 256fs, 384fs, 512fs or 768fs
L3MODE
13
5 V tolerant digital input pad
L3-bus mode input or mode selection input
L3CLOCK
14
5 V tolerant digital input pad
L3-bus/I2C-bus clock input or clock selection
input
L3DATA
15
5 V tolerant open drain input/output
L3-bus/I2C-bus data input/output or format
selection input
BCK
16
5 V tolerant digital input pad
bit clock input
WS
17
5 V tolerant digital input pad
word select input
DATAO
18
5 V tolerant 2 mA slew rate controlled digital
output
data output
DATAI
19
5 V tolerant digital input pad
data input
TEST1
20
5 V tolerant digital input pad
test control input; to be connected to ground
STATIC
21
5 V tolerant digital input pad
mode selection input: static pin control or
L3-bus/I2C-bus control
STATUS
22
5 V tolerant 2 mA slew rate controlled digital
output
general purpose output
QMUTE
23
5 V tolerant digital input pad
quick mute input
VOUTR
24
analog output pad
DAC output right
VDDA(DAC)
25
analog supply pad
DAC analog supply voltage
VOUTL
26
analog output pad
DAC output left
VSSA(DAC)
27
analog ground pad
DAC analog ground
Vref
28
analog pad
reference voltage for ADC and DAC


Similar Part No. - UDA1342

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1340 PHILIPS-UDA1340 Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1340M PHILIPS-UDA1340M Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1341TS PHILIPS-UDA1341TS Datasheet
189Kb / 32P
   Economy audio CODEC for MiniDisc MD home stereo and portable applications
1998 Dec 18
UDA1343 PHILIPS-UDA1343 Datasheet
148Kb / 36P
   Economy audio CODEC with features
2000 Jan 12
UDA1343TT PHILIPS-UDA1343TT Datasheet
148Kb / 36P
   Economy audio CODEC with features
2000 Jan 12
More results

Similar Description - UDA1342

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
   Audio Codec
logo
LAPIS Semiconductor Co....
ML7041 LAPIS-ML7041 Datasheet
381Kb / 28P
   Audio CODEC
logo
Texas Instruments
PCM3168A TI1-PCM3168A Datasheet
2Mb / 66P
[Old version datasheet]   Audio Codec
logo
OKI electronic componet...
MSM7732-01 OKI-MSM7732-01 Datasheet
302Kb / 29P
   Audio CODEC
logo
Analog Devices
ADAU1761 AD-ADAU1761_18 Datasheet
1Mb / 93P
   Audio Codec
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
logo
List of Unclassifed Man...
VS1001K ETC2-VS1001K Datasheet
448Kb / 40P
   MPEG AUDIO CODEC
logo
STMicroelectronics
AN3225 STMICROELECTRONICS-AN3225 Datasheet
263Kb / 13P
   Audio software codec
logo
Texas Instruments
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com