Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4352-DZZ Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4352-DZZ
Description  192 kHz Stereo DAC with 2 Vrms Line Out
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4352-DZZ Datasheet(HTML) 4 Page - Cirrus Logic

  CS4352-DZZ Datasheet HTML 1Page - Cirrus Logic CS4352-DZZ Datasheet HTML 2Page - Cirrus Logic CS4352-DZZ Datasheet HTML 3Page - Cirrus Logic CS4352-DZZ Datasheet HTML 4Page - Cirrus Logic CS4352-DZZ Datasheet HTML 5Page - Cirrus Logic CS4352-DZZ Datasheet HTML 6Page - Cirrus Logic CS4352-DZZ Datasheet HTML 7Page - Cirrus Logic CS4352-DZZ Datasheet HTML 8Page - Cirrus Logic CS4352-DZZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
DS684F2
CS4352
2. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
(GND = 0 V; all voltages with respect to ground.)
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V; all voltages with respect to ground.)
Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guar-
anteed at these extremes.
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
High Voltage Analog power
Low Voltage Analog power
Digital power
Interface power
VA_H
VA
VD
VL
8.40
3.13
3.13
1.43
9
3.3
3.3
1.5
12.6
3.47
3.47
3.47
V
V
V
V
Ambient Operating Temperature (power applied)
-CZZ
-DZZ
TA
-40
-40
-
-
+85
+105
°C
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
High Voltage Analog power
Low Voltage Analog power
Digital power
Interface power
VA_H
VA
VD
VL
-0.3
-0.3
-0.3
-0.3
14.0
3.63
3.63
3.63
V
V
V
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage
Digital Interface
VIN-L
-0.3
VL+ 0.4
V
Ambient Operating Temperature (power applied)
TA
-55
+125
°C
Storage Temperature
Tstg
-65
+150
°C


Similar Part No. - CS4352-DZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
More results

Similar Description - CS4352-DZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com