Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1345TS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UDA1345TS
Description  Economy audio CODEC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1345TS Datasheet(HTML) 3 Page - NXP Semiconductors

  UDA1345TS Datasheet HTML 1Page - NXP Semiconductors UDA1345TS Datasheet HTML 2Page - NXP Semiconductors UDA1345TS Datasheet HTML 3Page - NXP Semiconductors UDA1345TS Datasheet HTML 4Page - NXP Semiconductors UDA1345TS Datasheet HTML 5Page - NXP Semiconductors UDA1345TS Datasheet HTML 6Page - NXP Semiconductors UDA1345TS Datasheet HTML 7Page - NXP Semiconductors UDA1345TS Datasheet HTML 8Page - NXP Semiconductors UDA1345TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2000 Apr 18
3
Philips Semiconductors
Preliminary specification
Economy audio CODEC
UDA1345TS
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDA(ADC)
ADC analog supply voltage
2.4
3.0
3.6
V
VDDA(DAC)
DAC analog supply voltage
2.4
3.0
3.6
V
VDDD
digital supply voltage
2.4
3.0
3.6
V
IDDA(ADC)
ADC analog supply current
operating mode
10
mA
ADC power-down
100
−µA
IDDA(DAC)
DAC analog supply current
operating mode
4
mA
DAC power-down
50
−µA
IDDO(DAC)
DAC operational amplifier supply
current
operating mode
2.5
mA
DAC power-down
200
−µA
IDDD
digital supply current
operating mode
5
mA
ADC and DAC power-down
300
−µA
Tamb
ambient temperature
−40
+85
°C
Analog-to-digital converter
Vi(rms)
input voltage (RMS value)
notes 1 and 2
1.0
V
(THD + N)/S
total harmonic distortion-plus-noise
to signal ratio
at 0 dB
fs = 44.1 kHz
−−85
−80
dB
fs =96kHz
−−80
−75
dB
at
−60 dB; A-weighted
fs = 44.1 kHz
−−36
−30
dB
fs =96kHz
−−34
−30
dB
S/N
signal-to-noise ratio
Vi = 0 V; A-weighted
fs = 44.1 kHz
90
96
dB
fs = 96 kHz
90
94
dB
αcs
channel separation
100
dB
Digital-to-analog converter
Vo(rms)
output voltage (RMS value)
note 3
900
mV
(THD + N)/S
total harmonic distortion plus
noise-to-signal ratio
at 0 dB
fs = 44.1 kHz
−−85
−80
dB
fs =96kHz
−−80
−71
dB
at
−60 dB; A-weighted
fs = 44.1 kHz
−−37
−30
dB
fs =96kHz
−−35
−30
dB
αcs
channel separation
100
dB
S/N
signal-to-noise ratio
code = 0; A-weighted
fs = 44.1 kHz
90
100
dB
fs = 96 kHz
90
98
dB


Similar Part No. - UDA1345TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1345TS NXP-UDA1345TS Datasheet
216Kb / 29P
   Economy audio CODEC
2002 May 28
UDA1345TSDB-T NXP-UDA1345TSDB-T Datasheet
216Kb / 29P
   Economy audio CODEC
2002 May 28
More results

Similar Description - UDA1345TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1345TSDB-T NXP-UDA1345TSDB-T Datasheet
216Kb / 29P
   Economy audio CODEC
2002 May 28
UDA1343TT PHILIPS-UDA1343TT Datasheet
148Kb / 36P
   Economy audio CODEC with features
2000 Jan 12
UDA1341TS PHILIPS-UDA1341TS Datasheet
189Kb / 32P
   Economy audio CODEC for MiniDisc MD home stereo and portable applications
1998 Dec 18
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
   Audio Codec
logo
LAPIS Semiconductor Co....
ML7041 LAPIS-ML7041 Datasheet
381Kb / 28P
   Audio CODEC
logo
Texas Instruments
PCM3168A TI1-PCM3168A Datasheet
2Mb / 66P
[Old version datasheet]   Audio Codec
logo
OKI electronic componet...
MSM7732-01 OKI-MSM7732-01 Datasheet
302Kb / 29P
   Audio CODEC
logo
Analog Devices
ADAU1761 AD-ADAU1761_18 Datasheet
1Mb / 93P
   Audio Codec
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com